์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 11 Page - ABLIC Inc.

๋ถ€ํ’ˆ๋ช… S-812C31BPI-C4LTFU
์ƒ์„ธ๋‚ด์šฉ  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ABLIC [ABLIC Inc.]
ํ™ˆํŽ˜์ด์ง€  https://www.ablic.com
Logo 

S-812C31BPI-C4LTFU ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 11 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
/ 56 page
 11 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
S-812C Series
11
๏ฎ
Pin Configurations
SNT-6A(H)
Top view
1
2
3
4
6
5
Figure 4
Table 4
Pin No.
Symbol
Description
1
NC
*1
No connection
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
4
VSS
GND pin
5
VIN
Input voltage pin
6
ON/OFF
ON/OFF pin
*1. The NC pin is electrically open.
The NC pin can be connected to VIN pin or VSS pin.
SOT-23-5
Top view
5
4
3
2
1
Figure 5
Table 5
Pin No.
Symbol
Description
1
VSS
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
4
NC
*1
No connection
5
ON/OFF
ON/OFF pin (B type)
NC
*1
No connection (A type, E type)
*1. The NC pin is electrically open.
The NC pin can be connected to VIN pin or VSS pin.
SOT-89-3
Top view
3
2
1
Table 6
Pin No.
Symbol
Description
1
VSS
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
Figure 6
SOT-89-5
Top view
1
3
2
4
5
Table 7
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VIN
Input voltage pin
3
VSS
GND pin
4
ON/OFF
ON/OFF pin (B type)
NC
*1
No connection (A type, E type)
5
NC
*1
No connection
*1. The NC pin is electrically open.
The NC pin can be connected to VIN pin or VSS pin.
Figure 7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn