전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(PDF) 12 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
부품 상세설명  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 12 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU Datasheet HTML 8Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 9Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 10Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 11Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 12Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 13Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 14Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 15Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 16Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
S-812C Series
Rev.7.0_01
12
TO-92
Bottom view
1
3
2
Table 8
Pin No.
Symbol
Description
1
VSS
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
Figure 8
WLP-4R
Top view
Bottom view
A1
A2
B1
B2
A2
A1
B2
B1
Table 9
Pin No.
Symbol
Description
A1
VOUT
Output voltage pin
B1
VIN
Input voltage pin
A2
VSS
GND pin
B2
ON/OFF
ON/OFF pin
Figure 9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn