전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 13 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 13 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU 데이터시트 HTML 9Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 10Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 11Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 12Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 13Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 14Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 15Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 16Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 17Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
S-812C Series
13
Absolute Maximum Ratings
Table 10
(Ta=25
C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Units
Input voltage
VIN
VSS0.3 to VSS18
V
VON/OFF
VSS0.3 to VIN0.3
V
Output voltage
VOUT
VSS0.3 to VIN0.3
V
Power dissipation
SNT-6A(H)
PD
500
*1
mW
SOT-23-5
250 (When not mounted on board)
mW
600
*1
mW
SOT-89-3
500 (When not mounted on board)
mW
1000
*1
mW
SOT-89-5
500 (When not mounted on board)
mW
1000
*1
mW
TO-92
400 (When not mounted on board)
mW
800
*1
mW
Operation ambient temperature
Topr
40 to 85
C
Storage temperature
Tstg
40 to 125
C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
 76.2 mm  t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
1200
800
0
Ambient temperature (Ta) [
C]
SOT-89-5
SOT-89-3
400
SNT-6A(H)
1000
200
600
TO-92
SOT-23-5
Figure 10 Power Dissipation of The Package (When mounted on Board)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn