전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 14 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 14 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU 데이터시트 HTML 10Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 11Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 12Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 13Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 14Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 15Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 16Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 17Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 18Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
S-812C Series
Rev.7.0_01
14
Electrical Characteristics
Table 11
(Ta=25
C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Units
Test
circuits
Output voltage
*1
VOUT(E)
VIN = VOUT(S)2V, IOUT = 10mA
VOUT(S)
 0.98 VOUT(S)
VOUT(S)
 1.02
V
1
Output current
*2
IOUT
VOUT(S)2V
 VIN16V
2.0V
 VOUT(S)  2.9V
30
mA
3
3.0V
 VOUT(S)  3.9V
50
mA
3
4.0V
 VOUT(S)  4.9V
65
mA
3
5.0V
 VOUT(S)  6.0V
75
mA
3
Dropout voltage
*3
Vdrop
IOUT =
10mA
2.0V
 VOUT(S)  2.4V
0.46
0.95
V
1
2.5V
 VOUT(S)  2.9V
0.32
0.68
V
1
3.0V
 VOUT(S)  3.4V
0.23
0.41
V
1
3.5V
 VOUT(S)  3.9V
0.19
0.35
V
1
4.0V
 VOUT(S)  4.4V
0.16
0.30
V
1
4.5V
 VOUT(S)  4.9V
0.14
0.27
V
1
5.0V
 VOUT(S)  5.4V
0.12
0.25
V
1
5.5V
 VOUT(S)  6.0V
0.11
0.23
V
1
Line regulation 1
 VOUT11
VOUT(S)  1V  VIN  16V,
IOUT = 1mA
5
20
mV
1
Line regulation 2
 VOUT21
VOUT(S)  1V  VIN  16V,
IOUT = 1A
5
20
mV
1
Load regulation
 VOUT31
VIN= VOUT(S)
 2V
2.0V
 VOUT(S)  2.9V,
1
A  IOUT  20mA
6
30
mV
1
3.0V
 VOUT(S)  3.9V,
1
A  IOUT  30mA
10
45
mV
1
4.0V
 VOUT(S)  4.9V,
1
A  IOUT  40mA
13
65
mV
1
5.0V
 VOUT(S)  6.0V,
1
A  IOUT  50mA
17
80
mV
1
Output voltage
temperature coefficient
*4
VOUT
Ta VOUT
VIN = VOUT(S)  1V, IOUT = 10mA,
40C  Ta  85C
100
ppm/
C
1
Current consumption
ISS
VIN =VOUT(S)
2V,
no load
2.0V
 VOUT(S)  2.7V
0.9
1.6
A
2
2.8V
 VOUT(S)  3.7V
1.0
1.8
A
2
3.8V
 VOUT(S)  5.1V
1.2
2.1
A
2
5.2V
 VOUT(S)  6.0V
1.5
2.5
A
2
Input voltage
VIN
16
V
1
Applied to products with power-off function
Current consumption
during power-off
ISS2
VIN= VOUT(S)  2V,
VON/OFF = 0V, no load
0.1
0.5
A
2
ON/OFF pin
input voltage “H”
VSH
VIN= VOUT(S)  2V, RL = 1k,
determined by VOUT output level
2.0
V
4
ON/OFF pin
input voltage “L”
VSL
VIN= VOUT(S)  2V, RL = 1k,
determined by VOUT output level
0.4
V
4
ON/OFF pin
input current “H”
ISH
VIN= 7V, VON/OFF = 7V
-0.1
0.1
A
4
ON/OFF pin
input current “L”
ISL
VIN= VOUT(S)  2V, VON/OFF = 0V
-0.1
0.1
A
4
Applied to products with short-circuit protection function
Short-circuit current
IOS
VIN = VOUT(S)  2V, VOUT = 0V
40
mA
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn