전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 15 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo 

S-812C31BPI-C4LTFU 데이터시트(HTML) 15 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
/ 56 page
 15 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
S-812C Series
15
*1. VOUT(S): Set output voltage
VOUT(E) Actual output voltage
Output voltage when fixing IOUT(=10 mA) and inputting VOUT(S)2.0V.
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output
current.
*3. Vdrop = VIN1(VOUT(E)  0.98)
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT(E) after gradually decreasing the
input voltage.
*4. A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
VOUT
Ta []
mV/°C
*1 = V
OUT(S) []
V
*2
VOUT
Ta VOUT []
ppm/°C
*3  1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn