전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 18 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 18 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU 데이터시트 HTML 14Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 15Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 16Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 17Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 18Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 19Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 20Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 21Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 22Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
S-812C Series
Rev.7.0_01
18
Explanation of Terms
1. Output capacitor (CL)
Generally in voltage regulator, output capacitor is used to stabilize regulation and to improve the
characteristics of transient response. The S-812C Series operates stably without output capacitor CL.
Thus the output capacitor CL is used only for improvement of the transient response. In the applications
that users will use the S-812C Series, and they are not cautious about the transient response, it is
possible to omit an output capacitor. If using an output capacitor for this IC, users are able to use devices
such as ceramic capacitor which has small ESR (Equivalent Series Resistance).
2. Output voltage (VOUT)
The accuracy of the output voltage
 2.0% is assured under the specified conditions for input voltage,
which differs depending upon the product items, output current, and temperature.
Caution If the above conditions change, the output voltage value may vary and go out of the
accuracy range of the output voltage. Refer to " Electrical Characteristics" and "
Characteristics (Typical Data)" for details.
3. Line regulations 1 and 2 (
VOUT1, VOUT2)
Indicate the dependency of the output voltage against the input voltage. That is, the value shows how
much the output voltage changes due to a change in the input voltage after fixing output current constant.
4. Load regulation (
VOUT3)
Indicates the dependency of the output voltage against the output current. That is, the value shows how
much the output voltage changes due to a change in the output current after fixing output current
constant.
5. Dropout voltage (Vdrop)
Indicates the difference between input voltage (VIN1) and the output voltage when; decreasing input
voltage (VIN) gradually until the output voltage has dropped out to the value of 98% of the actual output
voltage (VOUT(E)).
Vdrop = VIN1  (VOUT(E)  0.98)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn