전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 19 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo 

S-812C31BPI-C4LTFU 데이터시트(HTML) 19 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
/ 56 page
 19 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
S-812C Series
19
6. Output voltage temperature coefficient
VOUT
Ta  VOUT
The shaded area in
Figure 16 is the range where VOUT varies in the operation temperature range when
the output voltage temperature coefficient is
100 ppm/C.
VOUT(E)
*1
Example of S-812C30A typ. product
40
25
0.30 mV/C
VOUT
[V]
*1. VOUT(E) is the value of the output voltage measured at Ta = 25C.
85
Ta [
C]
0.30 mV/C
Figure 16
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
VOUT
Ta []
mV/°C
*1 = V
OUT(S) []
V
*2
VOUT
Ta  VOUT []
ppm/°C
*3  1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn