전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 22 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 22 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU 데이터시트 HTML 18Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 19Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 20Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 21Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 22Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 23Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 24Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 25Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 26Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
S-812C Series
Rev.7.0_01
22
Selection of External Components
1. Output capacitor (CL)
The S-812C Series has an internal phase compensation circuit which stabilizes the operation regardless
of the change of output load. Therefore it is possible for users to have a stable operation without an
output capacitor (CL). However, the values of output overshoot and undershoot, which are the
characteristics of transient response, vary depending on the output capacitor. In selecting the value of
output capacitor, refer to the data on CL dependency in “ Reference data”, “1. Transient response
characteristics (Typical data: Ta
25 C)”.
Set ESR 10
 or less when using a tantalum capacitor or an aluminum electrolytic capacitor. Pay
attention at low temperature, that aluminum electrolytic capacitor especially may oscillate because ESR
increases. Evaluate sufficiently including the temperature characteristics in use.
Application Circuit
1. Output current boost circuit
As shown in
Figure 19, the output current can be boosted by externally attaching a PNP transistor.
Between the input voltage VIN and the VIN pin (for power supply) in the S-812C Series, if setting the
base-emitter voltage VBE which fully switches the PNP transistor on, S-812C Series controls the base
current in a PNP transistor so that the output voltage VOUT reaches the level of voltage which is set by
the S-812C Series.
Since the output current boosting circuit in
Figure 19 does not have the good characteristics of transient
response, under the usage condition, confirm if output fluctuation due to power-on, and fluctuations of
power supply and load affect on the operation or not before use.
Note that the short-circuit protection circuit in the S-812C Series does not work as short-circuit protection
for this boost circuit.
R1
Tr1
GND
VOUT
ON/OFF
VIN
VSS
VIN
VOUT
CL
S-812C
Series
CIN
Figure 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn