전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(PDF) 25 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
부품 상세설명  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 25 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU Datasheet HTML 21Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 22Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 23Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 24Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 25Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 26Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 27Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 28Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 29Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
S-812C Series
25
Characteristics (Typical Data)
1. Output Voltage vs Output Current (When load current increases)
0.0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
IOUT (mA)
VIN=2.5V
3V
5V
4V
7V
S-812C20B (Ta=25°C) Short- circuit protection
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
IOUT (mA)
VIN=3.5V
4V
6V
5V
8V
S-812C30B (Ta=25°C) Short-circuit protection
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
100
200
300
IOUT (mA)
VIN=5.5V
6V
8V
7V
10V
S-812C50B (Ta=25°C) Short-circuit protection
No short-circuit protection
S-812C20A (Ta=25ºC)
0.0
0.5
1.0
1.5
2.0
2.5
0
100
200
300
IOUT (mA)
7V
5V
4V
3V
2.5V
VIN=2.3V
S-812C30A (Ta=25ºC)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
IOUT (mA)
8V
6V
5V
4V
3.5V
VIN=3.3V
No short-circuit protection
S-812C50A (Ta=25
ºC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
100
200
300
400
IOUT (mA)
10V
8V
7V
6V
5.5V
VIN=5.3V
No short-circuit protection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn