전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 26 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 26 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU 데이터시트 HTML 22Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 23Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 24Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 25Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 26Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 27Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 28Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 29Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 30Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
S-812C Series
Rev.7.0_01
26
2. Maximum Output Current vs Input Voltage
0
20
40
60
80
100
120
140
04
8
12
16
VIN (V)
Ta=-40C
S-812C20B
Short-circuit protection
25C
85C
0
50
100
150
200
04
8
12
16
VIN (V)
Ta=-40C
S-812C30B
Short-circuit protection
25C
85C
0
50
100
150
200
250
300
04
8
12
16
VIN (V)
Ta=-40C
S-812C50B
Short-circuit protection
25C
85C
S-812C20A
0
20
40
60
80
100
120
140
04
8
12
16
VIN (V)
85C
Ta=-40C
25C
No short-circuit protection
S-812C30A
0
50
100
150
200
04
8
12
16
VIN (V)
85C
Ta=
?40C
25C
No short-circuit protection
No short-circuit protection
S-812C50A
0
50
100
150
200
250
300
04
8
12
16
VIN(V)
85C
Ta=-40C
25C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn