전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(PDF) 27 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
부품 상세설명  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 27 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU Datasheet HTML 23Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 24Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 25Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 26Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 27Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 28Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 29Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 30Page - ABLIC Inc. S-812C31BPI-C4LTFU Datasheet HTML 31Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
S-812C Series
27
3. Output Current vs. Input Voltage
S-812C20B (Ta=25°C)
2.10
2.05
2.00
1.95
1.90
1.5
2
2.5
3
3.5
4
-50 mA
-20 mA
-10 mA
-1 mA
IOUT=-1 A
VIN (V)
S-812C30B (Ta=25°C)
3.15
3.10
3.05
2.95
2.85
2.5
33.5
4
4.5
5
-50 mA
-20 mA
-10 mA
-1 mA
IOUT=-1 A
VIN (V)
3.00
2.90
S-812C50B (Ta=25°C)
5.25
5.15
5.05
4.95
4.5
5
5.5
6
6.5
7
-50 mA
-20 mA
-1 mA
IOUT=-1 A
VIN (V)
4.85
4.75
-10 mA
4. Dropout Voltage vs Output Current
0
500
1000
1500
2000
0
10
20
30
40
50
IOUT (mA)
Ta=-40°C
S-812C20B
25°C
85°C
0
200
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
IOUT (mA)
Ta=-40°C
S-812C30B
25°C
85°C
0
100
200
300
400
500
600
700
800
900
1000
0
10
20
30
40
50
IOUT (mA)
Ta=-40°C
S-812C50B
25°C
85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn