전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 32 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 32 Page - ABLIC Inc.

Back Button S-812C31BPI-C4LTFU 데이터시트 HTML 28Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 29Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 30Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 31Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 32Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 33Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 34Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 35Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 36Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
S-812C Series
Rev.7.0_01
32
1-3. Power supply fluctuates: S-812C30B (CL=10F; ceramic capacitor)
VIN, VON/OFF4 8 V, IOUT10 mA
TIME (100
s/div)
10 V
0 V
5 V
3 V
2.9 V
Load dependency of overshoot at power supply fluctuates
CL dependency of overshoot at power supply fluctuates
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
10
20
30
40
50
IOUT (mA)
S-812C50B
VIN, VON/OFFVOUT(S)1 VVOUT(S)5 V,
CL10 F
S-812C30B
0.00
0.05
0.10
0.15
0.20
0.25
0
10
20
30
40
50
CL (F)
S-812C50B
VIN, VON/OFFVOUT(S)1 VVOUT(S)5 V,
IOUT10 mA
S-812C30B
VDD dependency of overshoot at power supply fluctuates
“Ta” dependency of overshoot at power supply fluctuates
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
5
10
15
20
VDD (V)
S-812C50B
VIN, VON/OFFVOUT(S)1 VVDD, IOUT10 mA,
CL10 F
S-812C30B
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
50
0
50
100
Ta (°C)
S-812C50B
VIN, VON/OFFVOUT(S)1 VVOUT(S)5 V,
IOUT10 mA, CL10 F
S-812C30B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn