전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 34 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo 

S-812C31BPI-C4LTFU 데이터시트(HTML) 34 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
/ 56 page
 34 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
S-812C Series
Rev.7.0_01
34
1-4. Load fluctuation: S-812C30B (CL=10F; ceramic capacitor)
VIN5 V, IOUT10 mA1 A, CL10 F
TIME (200 ms / div)
2.9 V
3.1 V
3 V
0 mA
10 mA
Load dependency of overshoot at load fluctuation
CL dependency of overshoot at load fluctuation
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
ILoad (mA)
S-812C50B
VIN, VON/OFFVOUT(S)2 V,
IOUTILoad1 A, CL10F
S-812C30B
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
10
20
30
40
50
CL (F)
S-812C50B
VIN, VON/OFFVOUT(S)2 V,
IOUT10 mA1 A
S-812C30B
VDD dependency of overshoot at load fluctuation
“Ta” dependency of overshoot at load fluctuation
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
5
10
15
20
VDD (V)
S-812C50B
IOUT10 mA1 A, CL10 F
S-812C30B
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
50
0
50
100
Ta (°C)
S-812C50B
VIN, VON/OFF=VOUT(S)2 V,
IOUT10 mA1 A, CL10 F
S-812C30B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn