전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 4 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo 

S-812C31BPI-C4LTFU 데이터시트(HTML) 4 Page - ABLIC Inc.

 
Zoom Inzoom in Zoom Outzoom out
/ 56 page
 4 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
S-812C Series
Rev.7.0_01
4
Product Name Structure
Users can select the product type, output voltage, and package type for the S-812C Series. Refer to “1.
Product name” regarding the contents of product name, “2. Packages” regarding the package drawings,
“3. Product name list” regarding details of product name.
1. Product name
1. 1 S-812CxxA series
1. 1. 1 SOT-23-5, SOT-89-3
S-812C xx A xx - xxx T2 x
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact
our sales office)
IC direction in tape specifications
*1
T2: SOT-23-5, SOT-89-3
Product code
*2
Package code
MC: SOT-23-5
UA: SOT-89-3
Short-circuit protection and power-off function
A: Unavailable
Output voltage
20 to 60
(e.g. When the output voltage is 2.0 V,
it is expressed 20)
*1. Refer to the tape drawing.
*2. Refer to “3. Product name list”.
1. 1. 2 TO-92
S-812C xx A Y - x 2 - U
Environmental code
U: Lead-free (Sn 100%), halogen-free
Packing from
B: Bulk
Z: Tape and ammo
Package code
Y: TO-92
Short-circuit protection and power-off function
A: Unavailable
Output voltage
20 to 60
(e.g. When the output voltage is 2.0 V,
it is expressed 20)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn