전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-812C31BPI-C4LTFU 데이터시트(HTML) 5 Page - ABLIC Inc.

부품명 S-812C31BPI-C4LTFU
상세내용  16 V INPUT, 75 mA VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-812C31BPI-C4LTFU 데이터시트(HTML) 5 Page - ABLIC Inc.

  S-812C31BPI-C4LTFU 데이터시트 HTML 1Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 2Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 3Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 4Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 5Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 6Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 7Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 8Page - ABLIC Inc. S-812C31BPI-C4LTFU 데이터시트 HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
S-812C Series
5
1. 2 S-812CxxB series
1. 2. 1 SNT-6A(H)
S-812C xx B PI - xxx TF U
Environmental code
U: Lead-free (Sn 100%), halogen-free
IC direction in tape specifications
*1
TF: SNT-6A(H)
Product code
*2
Package code
PI: SNT-6A(H)
Short-circuit protection and power-off function
B: Available
ON/OFF pin positive logic (operates by “H”)
Output voltage
20 to 60
(e.g. When the output voltage is 2.0V,
it is expressed 20)
*1. Refer to the tape drawing.
*2. Refer to “3. Product name list”.
1. 2. 2 SOT-23-5、SOT-89-5
S-812C xx B xx - xxx T2 x
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact
our sales office)
IC direction in tape specifications
*1
T2: SOT-23-5, SOT-89-5
Product code
*2
Package code
MC: SOT-23-5
UC: SOT-89-5
Short-circuit protection and power-off function
B: Available
ON/OFF pin positive logic (operates by “H”)
Output voltage
20 to 60
(e.g. When the output voltage is 2.0V,
it is expressed 20)
*1. Refer to the tape drawing.
*2. Refer to “3. Product name list”.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn