전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80832CLPF-B6RTFU 데이터시트(PDF) 24 Page - ABLIC Inc.

부품명 S-80832CLPF-B6RTFU
상세설명  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80832CLPF-B6RTFU 데이터시트(HTML) 24 Page - ABLIC Inc.

Back Button S-80832CLPF-B6RTFU Datasheet HTML 20Page - ABLIC Inc. S-80832CLPF-B6RTFU Datasheet HTML 21Page - ABLIC Inc. S-80832CLPF-B6RTFU Datasheet HTML 22Page - ABLIC Inc. S-80832CLPF-B6RTFU Datasheet HTML 23Page - ABLIC Inc. S-80832CLPF-B6RTFU Datasheet HTML 24Page - ABLIC Inc. S-80832CLPF-B6RTFU Datasheet HTML 25Page - ABLIC Inc. S-80832CLPF-B6RTFU Datasheet HTML 26Page - ABLIC Inc. S-80832CLPF-B6RTFU Datasheet HTML 27Page - ABLIC Inc. S-80832CLPF-B6RTFU Datasheet HTML 28Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.6.2_02
24
Hysteresis width (VHYS)
A
B
VDD
VSS
Minimum operating voltage
Output from the OUT pin
VDD
VSS
(1)
(2) (3)
(5)
(4)
Release voltage (
VDET)
Detection voltage (
VDET)
Figure 18 Operation 2
2. Other Characteristics
2-1. Temperature Characteristics of Detection Voltage
The shaded area in Figure 19 shows the temperature characteristics of the detection voltage.
40
25
0.945 mV/C
VDET [V]
85
Ta [
C]
0.945 mV/C
VDET25
*1
*1.
VDET25 is an actual detection voltage value at 25°C.
Figure 19 Temperature Characteristics of Detection Voltage (Example for S-80827C)
2-2. Temperature Characteristics of Release Voltage
The temperature change
Ta
VDET
of the release voltage is calculated by using the temperature
chnange
Ta
VDET
of the detection voltage as follows:
Ta
V
V
V
Ta
V
DET
DET
DET
DET
The temperature change of the release voltage and the detection voltage have the same sign
consequently.


유사한 부품 번호 - S-80832CLPF-B6RTFU

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80832CLPF-B6RTFG SII-S-80832CLPF-B6RTFG Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80832CLPF-B6RTFG SII-S-80832CLPF-B6RTFG Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

유사한 설명 - S-80832CLPF-B6RTFU

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com