전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80832CLMC-B6RT2X 데이터시트(PDF) 18 Page - ABLIC Inc.

부품명 S-80832CLMC-B6RT2X
상세설명  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80832CLMC-B6RT2X 데이터시트(HTML) 18 Page - ABLIC Inc.

Back Button S-80832CLMC-B6RT2X Datasheet HTML 14Page - ABLIC Inc. S-80832CLMC-B6RT2X Datasheet HTML 15Page - ABLIC Inc. S-80832CLMC-B6RT2X Datasheet HTML 16Page - ABLIC Inc. S-80832CLMC-B6RT2X Datasheet HTML 17Page - ABLIC Inc. S-80832CLMC-B6RT2X Datasheet HTML 18Page - ABLIC Inc. S-80832CLMC-B6RT2X Datasheet HTML 19Page - ABLIC Inc. S-80832CLMC-B6RT2X Datasheet HTML 20Page - ABLIC Inc. S-80832CLMC-B6RT2X Datasheet HTML 21Page - ABLIC Inc. S-80832CLMC-B6RT2X Datasheet HTML 22Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.6.2_02
18
1-2. Detection Voltage Typ.1.5 V or More Products
Table 15
(Ta
 25 C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
VDET
VDET(S)
0.98
VDET(S) VDET(S)
1.02
V
1
Hysteresis width
VHYS
VDET
0.03
VDET
0.05
VDET
0.08
V
1
Current consumption
ISS
VDD  3.5 V
S-80815 to 26
0.8
2.4
A
2
VDD  4.5 V
S-80827 to 39
0.8
2.4
A
2
VDD  6.0 V
S-80840 to 56
0.9
2.7
A
2
VDD  7.5 V
S-80857 to 60
0.9
2.7
A
2
Operating voltage
VDD
0.95
10.0
V
1
Output current
IOUT
Output transistor,
Nch, VDS  0.5 V
VDD  1.2 V
S-80815 to 60
0.59
1.36
mA
3
VDD  2.4 V
S-80827 to 60
2.88
4.98
mA
3
Leakage current
ILEAK
Output transistor,
Nch, VDS  10.0 V, VDD  10.0 V
100
nA
3
Response time
tPLH
60
s
1
Detection voltage
temperature
coefficient
*2
DET
DET
V
Ta
V
Ta
 40 to 85 C
100
350
ppm/
C
1
*1.
VDET: Actual detection voltage value, VDET(S): Specified detection voltage value (The center value of the
detection voltage range in Table 1 to 2.)
*2.
The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.



 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
3
*
2
*
*1
*1.
Temperature change of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient


유사한 부품 번호 - S-80832CLMC-B6RT2X

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80832CLMC-B6RT2G SII-S-80832CLMC-B6RT2G Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

유사한 설명 - S-80832CLMC-B6RT2X

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com