전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80851CLMC-B7CT2X 데이터시트(PDF) 51 Page - ABLIC Inc.

부품명 S-80851CLMC-B7CT2X
상세설명  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80851CLMC-B7CT2X 데이터시트(HTML) 51 Page - ABLIC Inc.

Back Button S-80851CLMC-B7CT2X Datasheet HTML 47Page - ABLIC Inc. S-80851CLMC-B7CT2X Datasheet HTML 48Page - ABLIC Inc. S-80851CLMC-B7CT2X Datasheet HTML 49Page - ABLIC Inc. S-80851CLMC-B7CT2X Datasheet HTML 50Page - ABLIC Inc. S-80851CLMC-B7CT2X Datasheet HTML 51Page - ABLIC Inc. S-80851CLMC-B7CT2X Datasheet HTML 52Page - ABLIC Inc. S-80851CLMC-B7CT2X Datasheet HTML 53Page - ABLIC Inc. S-80851CLMC-B7CT2X Datasheet HTML 54Page - ABLIC Inc. S-80851CLMC-B7CT2X Datasheet HTML 55Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
No.
TITLE
ANGLE
UNIT
ABLIC Inc.
mm
SNT-4A-A
-Land Recommendation
PF004-A-L-SD-4.1
No. PF004-A-L-SD-4.1
0.3
0.35
0.52
1.16
0.52
Caution 1. Do not do silkscreen printing and solder printing under the mold resin of the package.
2. The thickness of the solder resist on the wire pattern under the package should be 0.03 mm
or less from the land pattern surface.
3. Match the mask aperture size and aperture position with the land pattern.
4. Refer to "SNT Package User's Guide" for details.
1.
(0.25 mm min. / 0.30 mm typ.)
2.
(1.10 mm ~ 1.20 mm)
1
2
0.03 mm
1. Pay attention to the land pattern width (0.25 mm min. / 0.30 mm typ.).
2. Do not widen the land pattern to the center of the package (1.10 mm to 1.20 mm).
1.
2.
(1.10 mm ~ 1.20 mm)
(0.25 mm min. / 0.30 mm typ.)


유사한 부품 번호 - S-80851CLMC-B7CT2X

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80851CLMC-B7CT2G SII-S-80851CLMC-B7CT2G Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

유사한 설명 - S-80851CLMC-B7CT2X

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com