전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QT50R-EU-AF2 데이터시트(PDF) 5 Page - Banner Engineering Corp.

부품명 QT50R-EU-AF2
부품 상세설명  R-GAGE짰 QT50R-AF2 Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-EU-AF2 데이터시트(HTML) 5 Page - Banner Engineering Corp.

  QT50R-EU-AF2 Datasheet HTML 1Page - Banner Engineering Corp. QT50R-EU-AF2 Datasheet HTML 2Page - Banner Engineering Corp. QT50R-EU-AF2 Datasheet HTML 3Page - Banner Engineering Corp. QT50R-EU-AF2 Datasheet HTML 4Page - Banner Engineering Corp. QT50R-EU-AF2 Datasheet HTML 5Page - Banner Engineering Corp. QT50R-EU-AF2 Datasheet HTML 6Page - Banner Engineering Corp. QT50R-EU-AF2 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Dimensions
38.1 mm
(1.50")
46.1 mm
(1.82")
R45.0 mm
(R1.77")
66.0 mm
(2.60")
33.0 mm
(1.30")
37.0 mm
(1.46")
74.1 mm
(2.92")
50.8 mm
(2.00")
50.8 mm
(2.00")
19.7 mm
(0.78")
37.0 mm
(1.46")
M30 X 1.5
ISO-6g
4X Ø4.4 mm
(Ø 0.17")
34.2 mm
(1.35")
Beam Pattern
Typical Beam Pattern (with BRTR-CC20E Radar
Target, Radar Cross Section = 50 m2)
Typical Beam Pattern (with 4 different targets) at
highest sensitivity level
Left-Right Beam Pattern
20 m
10 m
0 m
10 m
20 m
0
10 m
20 m
30 m
40 m
Sensitivity 1
1
2
3
4
Sensitivity 4
Distance
Left-Right Beam Pattern
20 m
10 m
0 m
10 m
20 m
0
10 m
20 m
30 m
40 m
Target 4
Target 1
1
2
3
4
Distance
1–4: Indicates sensitivity level
1: Weak Object (Radar cross section = 0.25 m2)
2: Car (Radar cross section = 3 m2)
3: Large Truck (Radar cross section = 50 m2)
4: Passenger Train (Radar cross section = 300 m2)
NOTE: The effective beam pattern depends on the sensitivity level and target properties.
R-GAGE® QT50R-AF2 Sensor
P/N 187234 Rev. C
www.bannerengineering.com - Tel: +1-763-544-3164
5


유사한 부품 번호 - QT50R-EU-AF2

제조업체부품명데이터시트부품 상세설명
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-EU-AF2W BANNER-QT50R-EU-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
More results

유사한 설명 - QT50R-EU-AF2

제조업체부품명데이터시트부품 상세설명
Banner Engineering Corp.
Banner Engineering Corp...
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
QT50R-RH BANNER-QT50R-RH Datasheet
592Kb / 8P
   R-GAGE짰 QT50R-RH Sensor
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
QT50R-AFH-FL BANNER-QT50R-AFH-FL Datasheet
351Kb / 6P
   R-GAGE??QT50R-AFH-FL Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
   R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1  2  3  4  5  6  7 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz