전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QT50R-AFH-FL 데이터시트(PDF) 4 Page - Banner Engineering Corp.

부품명 QT50R-AFH-FL
부품 상세설명  R-GAGE??QT50R-AFH-FL Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-AFH-FL 데이터시트(HTML) 4 Page - Banner Engineering Corp.

  QT50R-AFH-FL Datasheet HTML 1Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 2Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 3Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 4Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 5Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Delay at Power-up
Less than 2 seconds
Output Configuration
Bipolar NPN/PNP output, 150mA; DIP switch 6 selects N.O. (default) or
N.C. operation
Response Time
DIP switches 7 & 8 select ON/OFF response time
Connections
Integral 5-wire 2 m (6.5 ft) cable or M12 Euro-style QD fitting. QD
models require a mating cordset
Certifications
ETSI/EN 300 440
FCC part 15
RSS-210
CMIIT Category G
ARIB STD T-73
for others, contact Banner Engineering
Country of Origin: USA
FCC ID: UE3QT50RUS—This device complies with Part 15 of the FCC Rules. Operation is subject to the following two
conditions: (1) this device may not cause harmful interference, and (2) this device must accept any interference received,
including interference that may cause undesired operation.
IC: 7044A-QT50RCA—This device complies with Industry Canada license-exempt RSS standard(s). Operation is subject to
the following two conditions: (1) this device may not cause interference, and (2) this device must accept any interference,
including interference that may cause undesired operation of the device.
Cet appareil est conforme aux CNR exempts de licence d'Industrie Canada. Son fonctionnement est soumis aux deux
conditions suivantes:(1) Ce dispositif ne peut causer des interférences; et(2) Ce dispositif doit accepter toute interférence,
y compris les interférences qui peuvent entraîner un mauvais fonctionnement de l'appareil.
Beam Pattern
Typical Beam Pattern (with BRTR-CC20E Radar Target, Radar Cross
Section = 50 m2)
Typical Beam Pattern (with 4 different targets) at highest
sensitivity level
Left-Right Beam Pattern
20 m
10 m
0 m
10 m
20 m
0
10 m
20 m
30 m
40 m
Sensitivity 1
1
2
3
4
Sensitivity 4
Distance
Left-Right Beam Pattern
20 m
10 m
0 m
10 m
20 m
0
10 m
20 m
30 m
40 m
Target 4
Target 1
1
2
3
4
Distance
1–4: Indicates sensitivity level
1: Weak Object (Radar cross section = 0.25 m2)
2: Car (Radar cross section = 3 m2)
3: Large Truck (Radar cross section = 50 m2)
4: Passenger Train (Radar cross section = 300 m2)
NOTE: The effective beam pattern depends on the sensitivity level and target properties.
R-GAGEQT50R-AFH-FL Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 195102 Rev. B


유사한 부품 번호 - QT50R-AFH-FL

제조업체부품명데이터시트부품 상세설명
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
More results

유사한 설명 - QT50R-AFH-FL

제조업체부품명데이터시트부품 상세설명
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-RH BANNER-QT50R-RH Datasheet
592Kb / 8P
   R-GAGE짰 QT50R-RH Sensor
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
   R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz