전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QT50R-AFH-FL 데이터시트(PDF) 1 Page - Banner Engineering Corp.

부품명 QT50R-AFH-FL
부품 상세설명  R-GAGE??QT50R-AFH-FL Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-AFH-FL 데이터시트(HTML) 1 Page - Banner Engineering Corp.

  QT50R-AFH-FL Datasheet HTML 1Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 2Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 3Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 4Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 5Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
Radar-based sensors for detecting moving and stationary targets
FMCW (true-presence) radar detects moving and stationary objects
Adjustable sensing field — ignores objects beyond setpoint
Easy setup and configuration of range, sensitivity, and output with simple DIP
switches
Sensing functions are unaffected by wind, falling rain or snow, fog, humidity,
air temperatures, or light
Sensor operates in Industrial, Scientific, and Medical (ISM) telecommunication
band
Rugged IP67 housing withstands harsh environments
Protected by US patents
CAUTION: Make No Modifications to this Product
Any modifications to this product not expressly approved by Banner Engineering could void the user's
authority to operate the product. Contact Banner Engineering for more information.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Models
Model1
Maximum
Range
Connection
Supply
Voltage
Telecom Approval2
Output
QT50R-US-AFH-FL
24 m (78 ft)
5-wire 2 m (6.5
ft) integral cable
12 to 30 V dc
Telecom approved for US and
Canada
Bipolar NPN/PNP
DIP-switch-selectable N.O. or
N.C
QT50R-EU-AFH-FL
Telecom approved for Europe,
UK, Australia, New Zealand,
China, and Japan
Overview
OUTPUT 2
SIGNAL
OUTPUT
1
POWER
Output 1 and 2 LEDs: Yellow (output energized); Red (configuration)
Power LED: Green (power ON)
Signal LED: Red (flashes in proportion to the signal strength)
Access the DIP switches behind the threaded cap on the sensor back (not
shown)
1
Standard 2 m (6.5 ft) cable models are listed.
To order the 5-pin M12/Euro-style quick disconnect model, add the suffix "Q". However, the Q is added before the last hyphen. For
example, QT50R-xx-AFHQ-FL.
Models with a quick disconnect (QD) connector require a mating cordset.See Quick Disconnect (QD) Cordsets on page 5.
2 For additional countries, contact Banner Engineering.
R-GAGEQT50R-AFH-FL Sensor
Original Document
195102 Rev. B
13 July 2016
195102


유사한 부품 번호 - QT50R-AFH-FL

제조업체부품명데이터시트부품 상세설명
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
More results

유사한 설명 - QT50R-AFH-FL

제조업체부품명데이터시트부품 상세설명
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-RH BANNER-QT50R-RH Datasheet
592Kb / 8P
   R-GAGE짰 QT50R-RH Sensor
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
   R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz