전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QT50R-AFH-FL 데이터시트(PDF) 3 Page - Banner Engineering Corp.

부품명 QT50R-AFH-FL
부품 상세설명  R-GAGE??QT50R-AFH-FL Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-AFH-FL 데이터시트(HTML) 3 Page - Banner Engineering Corp.

  QT50R-AFH-FL Datasheet HTML 1Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 2Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 3Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 4Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 5Page - Banner Engineering Corp. QT50R-AFH-FL Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOTE: Near-field sensitivity boost is enabled when set to 4 m (13.1 ft) or less.
Sensitivity Selection
Switch 4
Switch 5
Sensitivity
0*
0*
4 (Highest)
0
1
3 (High)
1
0
2 (Medium)
1
1
1 (Low)
* Default settings
NOTE: Use the sensitivity selection to ignore unwanted weak reflections within the field of view, and not to narrow the beam
width. Narrow-beam R-GAGE sensor models are available.
Output Configuration
* Default settings
Switch 6
NO/NC
0*
NO
1
NC
Response Time
Switch 7
Switch 8
On Total (ms)
Off Total (ms)
Total (ms)
0
0
1000
1000
2000
0*
1*
2000
1000
3000
1
0
1000
2000
3000
1
1
2000
6000
8000
* Default settings
Specifications
Supply Voltage
12 to 30 V dc, less than 100 mA, exclusive of load
Range
The sensor is able to detect a proper object (see Detectable Objects)
from 1 to 24 m (3.3 to 78.7 ft), depending on target
Detectable Objects
Objects containing metal, water, or similar high-dielectric materials
Operating Principle
Frequency modulated continuous-wave (FMCW) radar
Operating Frequency
US Models: 24.075–24.175 GHz, ISM Band
EU Models: 24.050–24.250 GHz, ISM Band
Indicators
Power LED: Green (power ON)
Signal Strength LED: Red, flashes in proportion to signal strength.
Steady on at 4x excess gain. Only indicates signal amplitude, not
target distance.
Output LEDs: Yellow (output energized) / Red (configuration)
Adjustments
DIP-switch-configurable sensing distance, sensitivity, response time,
and output configuration
Construction
Housing: ABS/polycarbonate
Lightpipes: Acrylic
Access Cap: Polyester
Maximum Output Power
ERP: 3.3 mW, 5 dBm
EIRP: 100 mW, 20 dBm
Supply Protection Circuitry
Protected against reverse polarity and transient overvoltages
Output Protection
Protected against short circuit conditions
Operating Temperature
−40 °C to +65 °C (−40 °F to +149 °F)
Environmental Rating
IEC IP67
R-GAGEQT50R-AFH-FL Sensor
P/N 195102 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
3


유사한 부품 번호 - QT50R-AFH-FL

제조업체부품명데이터시트부품 상세설명
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
More results

유사한 설명 - QT50R-AFH-FL

제조업체부품명데이터시트부품 상세설명
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-RH BANNER-QT50R-RH Datasheet
592Kb / 8P
   R-GAGE짰 QT50R-RH Sensor
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
   R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz