전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QT50R-TW-AF2 데이터시트(PDF) 1 Page - Banner Engineering Corp.

부품명 QT50R-TW-AF2
상세설명  R-GAGE짰 QT50R-AF2 Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-TW-AF2 데이터시트(HTML) 1 Page - Banner Engineering Corp.

  QT50R-TW-AF2 Datasheet HTML 1Page - Banner Engineering Corp. QT50R-TW-AF2 Datasheet HTML 2Page - Banner Engineering Corp. QT50R-TW-AF2 Datasheet HTML 3Page - Banner Engineering Corp. QT50R-TW-AF2 Datasheet HTML 4Page - Banner Engineering Corp. QT50R-TW-AF2 Datasheet HTML 5Page - Banner Engineering Corp. QT50R-TW-AF2 Datasheet HTML 6Page - Banner Engineering Corp. QT50R-TW-AF2 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
Radar-based dual-zone sensors for detecting moving and stationary targets
Fourth generation FMCW (true-presence) radar detects moving and
stationary objects
Two independent, adjustable sensing zones
Easy setup and configuration of range, sensitivity, and output with simple
DIP switches
Sensing functions are unaffected by wind, falling rain or snow, fog,
humidity, air temperatures, or light
Sensor operates in Industrial, Scientific, and Medical (ISM)
telecommunication band ; no special license required
Rugged IP67 housing withstands harsh environments
Protected by US patents
Models 1
Maximum
Range
Supply
Voltage
Connection
Telecom Approval 2
Output
QT50R-US-AF2
24 m (78 feet)
12 to 30 V dc
5-wire 2 m (6.5
ft) Integral
cable
Telecom approved for US,
Canada and Brazil
DIP-switch-
selectable NPN
or PNP and N.O.
or N.C.
QT50R-EU-AF2
Telecom approved for Europe,
UK, Australia, New Zealand,
China, and Japan
QT50R-KR-AF2
12 to 24 V dc
Telecom approved for South
Korea
QT50R-TW-AF2
12 to 30 V dc
Telecom approved for Taiwan
CAUTION: Make No Modifications to this Product
Any modifications to this product not expressly approved by Banner Engineering could void the user's
authority to operate the product. Contact Banner Engineering for more information.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Overview
The R-GAGE sensor emits a well-defined beam of high-frequency radio waves from an internal antenna. Some of this
emitted energy is reflected back to the receiving antenna. Signal processing electronics determine the distance from the
sensor to the object based on the time delay of the return signal. The sensor can be configured to two independent
sensing zones.
The two sensing zones are factory pre-set to default distances; they can be reconfigured for different distances using the
DIP switches on the back of the sensor. The sensor is plug-in ready for immediate operation.
The sensitivity was pre-calibrated at the factory, assuming that the sensing field will be clear of obstacles. The sensitivity
can be adjusted using the DIP switches on the back of the sensor.
1 Cabled models only are listed. To order the integral 5-pin M12 quick-disconnect fitting, add suffix "Q" to the model number (for
example, QT50R-xx-AF2Q). QD models require a mating cordset; see Quick Disconnect (QD) Cordsets on page 6.
2 For additional countries, contact Banner Engineering.
R-GAGE® QT50R-AF2 Sensor
Original Document
187234 Rev. C
17 August 2016
187234


유사한 부품 번호 - QT50R-TW-AF2

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-TW-AF2W BANNER-QT50R-TW-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
More results

유사한 설명 - QT50R-TW-AF2

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-RH BANNER-QT50R-RH Datasheet
592Kb / 8P
   R-GAGE짰 QT50R-RH Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2L BANNER-Q240RA-AF2L Datasheet
738Kb / 10P
   R-GAGE짰 Q240RA-AF2L Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
   R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com