전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80851CLUA-B7CT2X 데이터시트(PDF) 31 Page - ABLIC Inc.

부품명 S-80851CLUA-B7CT2X
상세설명  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80851CLUA-B7CT2X 데이터시트(HTML) 31 Page - ABLIC Inc.

Back Button S-80851CLUA-B7CT2X Datasheet HTML 27Page - ABLIC Inc. S-80851CLUA-B7CT2X Datasheet HTML 28Page - ABLIC Inc. S-80851CLUA-B7CT2X Datasheet HTML 29Page - ABLIC Inc. S-80851CLUA-B7CT2X Datasheet HTML 30Page - ABLIC Inc. S-80851CLUA-B7CT2X Datasheet HTML 31Page - ABLIC Inc. S-80851CLUA-B7CT2X Datasheet HTML 32Page - ABLIC Inc. S-80851CLUA-B7CT2X Datasheet HTML 33Page - ABLIC Inc. S-80851CLUA-B7CT2X Datasheet HTML 34Page - ABLIC Inc. S-80851CLUA-B7CT2X Datasheet HTML 35Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
S-808xxC Series
31
3. Current Consumption (ISS) - Input Voltage (VDD)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
S-80808CL
9.3
A
Ta=25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
S-80814CL
21.5
A
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2.0
4.0
6.0
8.0
10.0
12.0
VDD (V)
S-80815CL
4.7
A
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2.0
4.0
6.0
8.0
10.0
12.0
VDD (V)
S-80860CL
12.8
A
Ta=25°C
4. Current Consumption (ISS) - Temperature (Ta)
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80808CL
VDD1.5 V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80814CL
VDD2.0 V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80815CL
VDD3.5 V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80860CL
VDD7.5 V


유사한 부품 번호 - S-80851CLUA-B7CT2X

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80851CLUA-B7CT2G SII-S-80851CLUA-B7CT2G Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

유사한 설명 - S-80851CLUA-B7CT2X

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com