전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S-80138ALPF-JAXTFU 데이터시트(HTML) 22 Page - ABLIC Inc.

부품명 S-80138ALPF-JAXTFU
상세내용  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo 

S-80138ALPF-JAXTFU 데이터시트(HTML) 22 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
/ 34 page
 22 / 34 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-801 Series
Rev.4.2_01
22
4. Current Consumption (ISS) - Temperature (Ta)
(a) S-80122AL
(b) S-80129AL
0.0
1.0
2.0
3.0
4.0
5.0
40 20
0
20
40
60
80
100
Ta [°C]
VDD3.5 V
0.0
1.0
2.0
3.0
4.0
5.0
40 20
0
20
40
60
80
100
Ta [°C]
VDD4.5 V
(c) S-80130AL
(d) S-80160AL
0.0
1.0
2.0
3.0
4.0
5.0
40 20
0
20
40
60
80
100
Ta [°C]
VDD4.5 V
0.0
1.0
2.0
3.0
4.0
5.0
40 20
0
20
40
60
80
100
Ta [°C]
VDD6.5 V
5. Nch Transistor Output Current (IOUT) -VOUT
6. Pch Transistor Output Current (IOUT) - (VDD-VOUT)
S-80160AL
S-80122AL
0
10
20
30
40
50
60
70
0
2
4
6
8
10
VOUT [V]
Ta
25°C
2 V
2.4 V
4 V
5.5 V
VDD1 V, 1.2 V
0
10
20
30
40
02
4
6
8
10
VDD-VOUT [V]
Ta
25°C
VDD4 V
4.8 V
6 V
6.5 V
10 V
8 V
7. Nch Transistor Output Current (IOUT) - Input
Voltage (VDD)
8. Pch transistor Output Current (IOUT) - Input
Voltage (VDD)
S-80160AL
S-80122AL
0
5
10
15
20
25
0
2
4
6
8
10
VDD [V]
VDS0.5 V
Ta
 40°C
85°C
25°C
0
1
2
3
4
5
0
2
4
6
8
10
VDD [V]
VDS0.5 V
Ta
 40°C
85°C
25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn