전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-80144BLPF-JE5TFU 데이터시트(PDF) 3 Page - ABLIC Inc.

부품명 S-80144BLPF-JE5TFU
상세설명  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80144BLPF-JE5TFU 데이터시트(HTML) 3 Page - ABLIC Inc.

  S-80144BLPF-JE5TFU Datasheet HTML 1Page - ABLIC Inc. S-80144BLPF-JE5TFU Datasheet HTML 2Page - ABLIC Inc. S-80144BLPF-JE5TFU Datasheet HTML 3Page - ABLIC Inc. S-80144BLPF-JE5TFU Datasheet HTML 4Page - ABLIC Inc. S-80144BLPF-JE5TFU Datasheet HTML 5Page - ABLIC Inc. S-80144BLPF-JE5TFU Datasheet HTML 6Page - ABLIC Inc. S-80144BLPF-JE5TFU Datasheet HTML 7Page - ABLIC Inc. S-80144BLPF-JE5TFU Datasheet HTML 8Page - ABLIC Inc. S-80144BLPF-JE5TFU Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
S-801 Series
3
Product Name Structure
The detection voltage, delay time, output form and packages for S-801 Series can be selected at the user's
request. Refer to the “1. Product name” for the construction of the product name, “2. Packages” regarding
the package drawings and “3. Product Name List” for the full product names.
1. Product Name
1-1. SOT-23-5
S-801xx x x MC - xxx T2 x
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Product code
*2
Package code
Output form
N: Nch open-drain output (Active low)
L: CMOS output (Active low)
Delay time
A: 50 ms typ.
B: 100 ms typ.
C: 200 ms typ.
Detection voltage value
22 to 60
(e.g. When the detection voltage is 2.2 V,
it is expressed as 22.)
*1. Refer to the tape drawing.
*2. Refer to Table 2 in “3. Product name list”.


유사한 부품 번호 - S-80144BLPF-JE5TFU

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-80144BLPF-JE5TFG SII-S-80144BLPF-JE5TFG Datasheet
336Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
More results

유사한 설명 - S-80144BLPF-JE5TFU

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-801 SII-S-801 Datasheet
336Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com