전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QT50R-RH 데이터시트(PDF) 6 Page - Banner Engineering Corp.

부품명 QT50R-RH
상세설명  R-GAGE짰 QT50R-RH Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-RH 데이터시트(HTML) 6 Page - Banner Engineering Corp.

  QT50R-RH Datasheet HTML 1Page - Banner Engineering Corp. QT50R-RH Datasheet HTML 2Page - Banner Engineering Corp. QT50R-RH Datasheet HTML 3Page - Banner Engineering Corp. QT50R-RH Datasheet HTML 4Page - Banner Engineering Corp. QT50R-RH Datasheet HTML 5Page - Banner Engineering Corp. QT50R-RH Datasheet HTML 6Page - Banner Engineering Corp. QT50R-RH Datasheet HTML 7Page - Banner Engineering Corp. QT50R-RH Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Beam Patterns
Typical Beam Pattern (with BRTR-CC20E Radar
Target, Radar Cross Section = 50 m2)
Typical Beam Pattern (with 4 different targets) at
sensitivity level 5
Left-Right Beam Pattern
0
4 m
8 m
12 m
16 m
2 m
0
-2 m
-4 m
-6 m
-8 m
4 m
6 m
8 m
2
3
4
5
6
7
8
1
Sensitivity 1
Sensitivity 8
Distance
Left-Right Beam Pattern
0
4 m
8 m
12 m
16 m
2 m
0
-2 m
-4 m
-6 m
-8 m
4 m
6 m
8 m
2
3
4
1
Distance
1–8: Indicates sensitivity level
1. Weak Object (Radar cross section = 0.25 m2)
2. Car (Radar cross section = 3 m2)
3. Large Truck (Radar cross section = 50 m2)
4. Passenger Train (Radar cross section = 300 m2)
NOTE: The effective beam pattern depends on the sensitivity level and target properties.
The diagrams show the beam pattern with respect to the retroreflective target. The effective beam pattern for detection of
foreground objects will be the size of the retroreflective target. For a flat retroreflective surface, the beam size is a 15
degree cone.
Dimensions
38.1 mm
(1.50")
46.1 mm
(1.82")
R45.0 mm
(R1.77")
66.0 mm
(2.60")
33.0 mm
(1.30")
37.0 mm
(1.46")
74.1 mm
(2.92")
50.8 mm
(2.00")
50.8 mm
(2.00")
19.7 mm
(0.78")
37.0 mm
(1.46")
M30 X 1.5
ISO-6g
4X Ø4.4 mm
(Ø 0.17")
34.2 mm
(1.35")
R-GAGE® QT50R-RH Sensor
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 169604 Rev. E


유사한 부품 번호 - QT50R-RH

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-AFH-FL BANNER-QT50R-AFH-FL Datasheet
351Kb / 6P
   R-GAGE??QT50R-AFH-FL Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
More results

유사한 설명 - QT50R-RH

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
Q240RA-AF2L BANNER-Q240RA-AF2L Datasheet
738Kb / 10P
   R-GAGE짰 Q240RA-AF2L Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
   R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com