전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QT50R-EU-RH 데이터시트(PDF) 5 Page - Banner Engineering Corp.

부품명 QT50R-EU-RH
상세설명  R-GAGE짰 QT50R-RH Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-EU-RH 데이터시트(HTML) 5 Page - Banner Engineering Corp.

  QT50R-EU-RH Datasheet HTML 1Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 2Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 3Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 4Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 5Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 6Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 7Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Specifications
Range
The sensor is able to detect a proper retroreflective target (see
Detectable Objects) up to 12 m (39.4 ft), depending on target
Detectable Objects
Objects containing metal, water, or similar high-dielectric materials
Operating Principle
Frequency modulated continuous-wave (FMCW) radar
Operating Frequency
US, TW Models: 24.075–24.175 GHz, ISM Band
EU, KR Models: 24.050–24.250 GHz, ISM Band
Maximum Output Power
ERP: 3.3 mW, 5 dBm
EIRP: 100 mW, 20 dBm
Supply Voltage
12 to 30 V dc, less than 100 mA, exclusive of load
For KR models: 12 to 24 V dc, less than 100 mA exclusive of load
Indicators
Power LED: Green (power ON)
Signal Strength LED: Red, flashes in proportion to signal strength.
Steady on at 4x excess gain. Only indicates signal amplitude, not
target distance.
Output LEDs: Yellow (output energized) / Red (configuration)
See Figure 1 on page 2
Adjustments
DIP-switch-configurable sensitivity, response time, and output
configuration; remote line teach of the retroreflective target
Construction
Housing: ABS/polycarbonate
Lightpipes: Acrylic
Access Cap: Polyester
Connections
Integral 5-wire 2 m (6.5 ft) cable or M12 Euro-style QD fitting. QD
models require a mating cordset
Supply Protection Circuitry
Protected against reverse polarity and transient overvoltages
Delay at Power-up
Less than 2 seconds
Output Configuration
Bipolar NPN/PNP output, 150mA; DIP switch 6 selects N.O. (default) or
N.C. operation
Output Protection
Protected against short circuit conditions
Response Time
DIP switches 7 & 8 select ON/OFF response time
Operating Temperature
−40 °C to +65 °C (−40 °F to +149 °F)
Environmental Rating
IEC IP67
Certifications
ETSI/EN 300 440
FCC part 15
RSS-210
ANATEL Category II
CMIIT Category G
ARIB STD T-73
KC mark - MSIP/RRA
NCC
for others, contact Banner Engineering
Country of Origin: USA
FCC ID: UE3QT50RUS—This device complies with Part 15 of the FCC Rules. Operation is subject to the following two
conditions: (1) this device may not cause harmful interference, and (2) this device must accept any interference received,
including interference that may cause undesired operation.
IC: 7044A-QR50RCA—This device complies with Industry Canada license-exempt RSS standard(s). Operation is subject to
the following two conditions: (1) this device may not cause interference, and (2) this device must accept any interference,
including interference that may cause undesired operation of the device.
Cet appareil est conforme aux CNR exempts de licence d'Industrie Canada. Son fonctionnement est soumis aux deux
conditions suivantes:(1) Ce dispositif ne peut causer des interférences; et(2) Ce dispositif doit accepter toute interférence,
y compris les interférences qui peuvent entraîner un mauvais fonctionnement de l'appareil.
Este equipamento opera em caráter secundário, isto é, não tem direito à
proteção contra interferência prejudicial, mesmo de estações do mesmo
tipo e não pode causar interferência a sistemas operando em caráter
primário.
SRD24-IO3B24100.2TR0.1 South Korea Class A Certification
A 급 기기 ( 업무용 방송통신기자재 )
이 기기는 업무용
(A 급 ) 으로 전자파적합기기로
서 판매자 또는 사용자는 이 점을 주의하시기
바라며
, 가정외의 지역에서 사용하는 것을 목
적으로 합니다
.
R-GAGE® QT50R-RH Sensor
P/N 169604 Rev. E
www.bannerengineering.com - Tel: +1-763-544-3164
5


유사한 부품 번호 - QT50R-EU-RH

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-EU-AF2 BANNER-QT50R-EU-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-EU-AF2W BANNER-QT50R-EU-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-EU-AFH BANNER-QT50R-EU-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-EU-AFH-FL BANNER-QT50R-EU-AFH-FL Datasheet
351Kb / 6P
   R-GAGE??QT50R-AFH-FL Sensor
QT50R-EU-AFS BANNER-QT50R-EU-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
More results

유사한 설명 - QT50R-EU-RH

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
Q240RA-AF2L BANNER-Q240RA-AF2L Datasheet
738Kb / 10P
   R-GAGE짰 Q240RA-AF2L Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
   R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com