전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100LVELT23DTRG 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 MC100LVELT23DTRG
상세설명  3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT23DTRG 데이터시트(HTML) 7 Page - ON Semiconductor

  MC100LVELT23DTRG Datasheet HTML 1Page - ON Semiconductor MC100LVELT23DTRG Datasheet HTML 2Page - ON Semiconductor MC100LVELT23DTRG Datasheet HTML 3Page - ON Semiconductor MC100LVELT23DTRG Datasheet HTML 4Page - ON Semiconductor MC100LVELT23DTRG Datasheet HTML 5Page - ON Semiconductor MC100LVELT23DTRG Datasheet HTML 6Page - ON Semiconductor MC100LVELT23DTRG Datasheet HTML 7Page - ON Semiconductor MC100LVELT23DTRG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC100LVELT23
http://onsemi.com
7
PACKAGE DIMENSIONS
SOIC−8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751−07
ISSUE AE
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
SO−8
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


유사한 부품 번호 - MC100LVELT23DTRG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVELT23DTRG ONSEMI-MC100LVELT23DTRG Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23DTRG ONSEMI-MC100LVELT23DTRG Datasheet
162Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
More results

유사한 설명 - MC100LVELT23DTRG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVELT23 ONSEMI-MC100LVELT23_16 Datasheet
162Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
MC100LVELT23 ONSEMI-MC100LVELT23_06 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100EPT26 ONSEMI-MC100EPT26_16 Datasheet
165Kb / 8P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
August, 2016 ??Rev. 17
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com