전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE688 데이터시트(PDF) 6 Page - NEC

부품명 NE688
상세설명  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NE688 데이터시트(HTML) 6 Page - NEC

Back Button NE688 Datasheet HTML 2Page - NEC NE688 Datasheet HTML 3Page - NEC NE688 Datasheet HTML 4Page - NEC NE688 Datasheet HTML 5Page - NEC NE688 Datasheet HTML 6Page - NEC NE688 Datasheet HTML 7Page - NEC NE688 Datasheet HTML 8Page - NEC NE688 Datasheet HTML 9Page - NEC NE688 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE688 SERIES
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.977
-15.600
1.794
165.200
0.063
78.200
0.989
-8.600
0.101
14.545
0.4
0.880
-61.200
1.560
127.600
0.209
50.900
0.883
-29.700
0.247
8.730
0.8
0.749
-103.800
1.199
92.400
0.282
26.900
0.745
-47.000
0.457
6.286
1.0
0.710
-119.300
1.057
79.900
0.287
19.000
0.706
-53.300
0.549
5.662
1.5
0.670
-148.700
0.832
57.200
0.249
7.800
0.654
-67.800
0.777
5.239
2.0
0.667
-171.700
0.691
43.200
0.185
11.100
0.641
-82.200
1.079
4.012
2.5
0.669
168.000
0.595
35.800
0.160
39.600
0.636
-97.500
1.352
2.162
3.0
0.663
148.500
0.545
34.900
0.240
62.300
0.624
-113.300
1.179
0.998
VCE = 1.0 V, IC = 1.0 mA
0.1
0.956
-16.900
3.478 165.200
0.050
78.400
0.983
-9.700
0.092
18.424
0.4
0.824
-67.100
2.847 128.900
0.157
50.900
0.834
-32.200
0.224
12.585
0.8
0.672
-110.800
2.021
97.700
0.202
31.500
0.661
-48.100
0.444
10.002
1.0
0.630
-126.100
1.739
86.900
0.205
26.700
0.613
-53.400
0.555
9.285
1.5
0.583
-154.600
1.306
67.000
0.188
25.000
0.550
-64.600
0.849
8.418
2.0
0.571
-176.300
1.067
53.000
0.174
36.300
0.528
-75.600
1.116
5.800
2.5
0.569
165.000
0.918
42.700
0.201
53.800
0.520
-87.500
1.149
4.251
3.0
0.562
147.100
0.821
36.200
0.274
63.000
0.513
-100.100
1.056
3.316
4.0
0.554
115.300
0.745
28.400
0.477
56.800
0.476
-128.100
0.969
1.936
5.0
0.562
93.000
0.751
20.000
0.635
39.900
0.439
-166.000
0.985
0.729
VCE = 3.0 V, IC = 3.0 mA
0.1
0.869
-24.100
9.277 160.200
0.035
76.600
0.957
-14.600
0.114
24.233
0.4
0.635
-85.100
6.331 119.900
0.097
51.200
0.673
-40.700
0.380
18.147
0.8
0.484
-127.600
3.861
94.600
0.124
45.600
0.471
-51.200
0.690
14.933
1.0
0.449
-141.200
3.196
86.700
0.134
46.800
0.426
-53.800
0.814
13.775
1.5
0.415
-166.200
2.270
71.200
0.162
52.300
0.371
-59.200
1.003
11.109
2.0
0.402
174.800
1.800
59.500
0.199
57.200
0.352
-65.500
1.064
8.018
2.5
0.401
159.600
1.523
49.600
0.246
60.100
0.348
-72.700
1.043
6.648
3.0
0.396
144.900
1.339
41.200
0.304
60.300
0.347
-80.800
1.005
5.989
4.0
0.411
118.700
1.114
27.800
0.434
54.500
0.332
-100.400
0.947
4.094
5.0
0.470
99.800
1.000
15.700
0.560
43.200
0.289
-136.400
0.931
2.518
VCE = 3.0 V, IC = 7.0 mA
0.1
0.721
-40.400
17.900
149.800
0.032
70.700
0.873
-25.700
0.206
27.477
0.4
0.434
-111.800
8.737
106.900
0.075
55.700
0.453
-55.300
0.650
20.663
0.8
0.350
-150.000
4.773
87.500
0.112
60.000
0.293
-61.900
0.915
16.296
1.0
0.336
-161.700
3.890
81.400
0.132
61.700
0.263
-63.300
0.973
14.694
1.5
0.318
178.800
2.710
69.200
0.184
63.300
0.230
-67.100
1.035
10.542
2.0
0.315
163.400
2.124
59.100
0.240
62.700
0.221
-71.900
1.035
8.321
2.5
0.313
150.200
1.779
50.200
0.297
60.700
0.222
-77.600
1.021
6.882
3.0
0.310
137.900
1.559
42.400
0.355
57.600
0.226
-84.600
1.004
6.059
4.0
0.322
116.200
1.305
29.000
0.470
49.300
0.220
-103.900
0.973
4.435
5.0
0.397
102.200
1.160
16.500
0.570
38.800
0.194
-144.300
0.954
3.086
NE68830
VCE = 0.5 V, IC = 0.5 mA
Coordinates in Ohms
Frequency in GHz
(VCE = 0.5 V, IC = 0.5 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
5 GHz
S11
5 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
1
.25
.50
S12
0.1 GHz
S12
5 GHz
S21
5 GHz
S21
0.1 GHz
See notes on previous page.


유사한 부품 번호 - NE688

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE688 CEL-NE688 Datasheet
347Kb / 20P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE68800 NEC-NE68800 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68800 NEC-NE68800 Datasheet
28Kb / 1P
   NONLINEAR MODEL
logo
California Eastern Labs
NE68800 CEL-NE68800 Datasheet
347Kb / 20P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68818-T1-A CEL-NE68818-T1-A Datasheet
347Kb / 20P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

유사한 설명 - NE688

제조업체부품명데이터시트상세설명
logo
NEC
NE686 NEC-NE686 Datasheet
140Kb / 11P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE688 CEL-NE688 Datasheet
347Kb / 20P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE685 NEC-NE685 Datasheet
176Kb / 17P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 NEC-NE687 Datasheet
196Kb / 21P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687 CEL-NE687 Datasheet
314Kb / 22P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE685 CEL-NE685 Datasheet
354Kb / 18P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
   SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com