전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100ES6039 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc

부품명 MC100ES6039
상세설명  3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6039 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc

  MC100ES6039 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6039 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6039 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6039 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6039 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6039 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6039 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6039 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Clock Drivers Device Data
Freescale Semiconductor
5
MC100ES6039
Figure 5. Typical Termination for Output Driver and Device Evaluation
Table 6. AC Characteristics (VCC = 0 V, VEE = –3.8 V to –3.135 V or VCC = 3.135 V to 3.8 V, VEE = 0 V)(1)
1. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
Ω to VCC –2.0 V.
Symbol
Characteristic
–40
°C25°C85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
> 1
> 1
> 1
GHz
tPLH,
tPHL
Propagation Delay
CLK, Q (Diff)
MR, Q
575
500
875
850
575
500
875
850
575
500
875
850
ps
ps
tRR
Reset Recovery
200
100
200
100
200
100
ps
ts
Setup Time
EN, CLK
DIVSEL, CLK
200
400
120
180
200
400
120
180
200
400
120
180
ps
ps
th
Hold Time
CLK, EN
CLK, DIVSEL
100
200
50
140
100
200
50
140
100
200
50
140
ps
ps
tPW
Minimum Pulse Width
MR
550
450
550
450
550
450
ps
tSKEW Within Device Skew
Q, Q
Q, Q @ Same Frequency
Device-to-Device Skew(2)
2. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are
measured from the cross point of the inputs to the cross point of the outputs.
80
50
300
80
50
300
80
50
300
ps
ps
ps
tJITTER Cycle-to-Cycle Jitter
(RMS 1
σ)
111
ps
VPP
Input Voltage Swing (Differential)
150
1400
150
1400
150
1400
mV
VCMR Differential Cross Point Voltage
VEE+0.2
VCC–1.1 VEE+0.2
VCC–1.1 VEE+0.2
VCC–1.1
V
tr
tf
Output Rise/Fall Times
Q, Q
(20% – 80%)
50
300
50
300
50
300
ps
Driver
Device
Receiver
Device
QD
50
Q
D
50
VTT
VTT = VCC –- 2.0 V


유사한 부품 번호 - MC100ES6039

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6011D MOTOROLA-MC100ES6011D Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
MC100ES6011D RENESAS-MC100ES6011D Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6011DR2 MOTOROLA-MC100ES6011DR2 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results

유사한 설명 - MC100ES6039

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC100ES6139 FREESCALE-MC100ES6139 Datasheet
241Kb / 12P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com