전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10121 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC10121
상세설명  4-Wide OR-AND/OR-AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10121 데이터시트(HTML) 1 Page - ON Semiconductor

  MC10121 Datasheet HTML 1Page - ON Semiconductor MC10121 Datasheet HTML 2Page - ON Semiconductor MC10121 Datasheet HTML 3Page - ON Semiconductor MC10121 Datasheet HTML 4Page - ON Semiconductor MC10121 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–73
REV 5
© Motorola, Inc. 1996
3/93
4-Wide OR-AND/OR-AND
Gate
The MC10121 is a basic logic building block providing the simultaneous
OR–AND/OR–AND–Invert function, useful in data control and digital multiplexing
applications.
PD = 100 mW typ/pkg (No Load)
tpd = 2.3 ns typ
tr, tf = 2.5 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
15
14
13
12
11
10
9
7
2
6
5
4
3
MC10121
DIP
PIN ASSIGNMENT
VCC1
AOUT
AOUT
A1IN
A1IN
A1IN
A2IN
VEE
VCC2
A4IN
A4IN
A4IN
A3IN
A3IN
A2IN, A3IN
A2IN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


유사한 부품 번호 - MC10121

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10121 ONSEMI-MC10121 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
MC10121FN ONSEMI-MC10121FN Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
MC10121L ONSEMI-MC10121L Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
MC10121P ONSEMI-MC10121P Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
More results

유사한 설명 - MC10121

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H121 ONSEMI-MC10H121 Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
logo
National Semiconductor ...
54LS54 NSC-54LS54 Datasheet
52Kb / 2P
   4-WIDE, 2-INPUT AND-OR-INVERT GATE
DM74LS54 NSC-DM74LS54 Datasheet
109Kb / 6P
   4-WIDE, 2-Input AND-OR-INVERT Gate
logo
Motorola, Inc
SN54LS55 MOTOROLA-SN54LS55 Datasheet
46Kb / 2P
   2-WIDE 4-INPUT AND-OR-INVERT GATE
logo
NXP Semiconductors
HEF4086B PHILIPS-HEF4086B Datasheet
41Kb / 5P
   4-wide 2-input AND-OR-invert gate
January 1995
logo
National Semiconductor ...
DM74LS55 NSC-DM74LS55 Datasheet
112Kb / 6P
   2-Wide, 4-Input AND-OR-INVERT Gate
logo
ON Semiconductor
MC10117 ONSEMI-MC10117 Datasheet
104Kb / 5P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10H117 ONSEMI-MC10H117 Datasheet
96Kb / 3P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10117 ONSEMI-MC10117_02 Datasheet
109Kb / 8P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com