전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB23BQX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FSUSB23BQX
상세설명  Low Power Hi-Speed USB 2.0 (480Mbps) Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB23BQX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FSUSB23BQX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.fairchildsemi.com
2
Analog Symbol
Pin Descriptions
Truth Table
Connection Diagrams
Pad Assignments for MicroPak
(Top View)
Pad Assignments for DQFN
(Top Through View)
Pin Name
Description
OE
Bus Switch Enable
S
Select Input
D+, D
, Dn+, Dn
Data Ports
SOE
Function
X
H
Disconnect
LL
D+, D
 = D1n
HL
D+, D
 = D2n


유사한 부품 번호 - FSUSB23BQX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB23BQX FAIRCHILD-FSUSB23BQX Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23BQX FAIRCHILD-FSUSB23BQX Datasheet
768Kb / 10P
   High-Speed, USB2.0 (480Mbps) Switch
More results

유사한 설명 - FSUSB23BQX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com