전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6645 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF6645
상세설명  DirectFET Power MOSFET Typical calues (unless otherwise specified)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6645 데이터시트(HTML) 5 Page - International Rectifier

  IRF6645 Datasheet HTML 1Page - International Rectifier IRF6645 Datasheet HTML 2Page - International Rectifier IRF6645 Datasheet HTML 3Page - International Rectifier IRF6645 Datasheet HTML 4Page - International Rectifier IRF6645 Datasheet HTML 5Page - International Rectifier IRF6645 Datasheet HTML 6Page - International Rectifier IRF6645 Datasheet HTML 7Page - International Rectifier IRF6645 Datasheet HTML 8Page - International Rectifier IRF6645 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF6645
www.irf.com
5
Fig 13. Typical Threshold Voltage vs.
Junction Temperature
Fig 12. Maximum Drain Current vs. Ambient Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy vs. Drain Current
0.3
0.4 0.5 0.6 0.7 0.8 0.9 1.0
1.1
VSD, Source-to-Drain Voltage (V)
0.1
1.0
10.0
100.0
VGS = 0V
TJ = 150°C
TJ = 25°C
TJ = -40°C
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
20
40
60
80
100
120
I D
TOP
1.5A
2.4A
BOTTOM
3.4A
0.1
1.0
10.0
100.0
1000.0
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
25
50
75
100
125
150
TJ , Ambient Temperature (°C)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
ID = 1.0A
ID = 1.0mA
ID = 250µA
ID = 50µA


유사한 부품 번호 - IRF6645

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6645 IRF-IRF6645 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
Vishay Siliconix
IRF6645 VISHAY-IRF6645 Datasheet
176Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRF66451PBF IRF-IRF66451PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
IRF6645PBF IRF-IRF6645PBF Datasheet
226Kb / 9P
   DirectFETPower MOSFET 
IRF6645PBF IRF-IRF6645PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
More results

유사한 설명 - IRF6645

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6643TRPBF IRF-IRF6643TRPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET - Typical value (unless otherwise specified)
IRF6662 IRF-IRF6662 Datasheet
271Kb / 9P
   DirectFet Power MOSFET Typical values (unless otherwise specified)
IRF6655 IRF-IRF6655 Datasheet
257Kb / 10P
   DirectFET Power MOSFET Typical values (unless otherwise specified)
logo
Pulse A Technitrol Comp...
C2268FNL PULSE-C2268FNL Datasheet
110Kb / 1P
   UNLESS OTHERWISE SPECIFIED
C3027NL PULSE-C3027NL Datasheet
185Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2081NL PULSE-E2081NL Datasheet
267Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2454FNL PULSE-E2454FNL Datasheet
275Kb / 2P
   UNLESS OTHERWISE SPECIFIED
C2567NL PULSE-C2567NL Datasheet
179Kb / 2P
   UNLESS OTHERWISE SPECIFIED
logo
List of Unclassifed Man...
24-06L-TGG ETC2-24-06L-TGG Datasheet
28Kb / 1P
   UNLESS OTHERWISE SPECIFIED,
logo
Laird Tech Smart Techno...
CM5441Z101B-10 LSTD-CM5441Z101B-10 Datasheet
213Kb / 1P
   UNLESS OTHERWISE SPECIFIED
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com