전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SA-F12 데이터시트(PDF) 5 Page - Banner Engineering Corp.

부품명 SA-F12
부품 상세설명  nullTL30 Basic Tower Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SA-F12 데이터시트(HTML) 5 Page - Banner Engineering Corp.

  SA-F12 Datasheet HTML 1Page - Banner Engineering Corp. SA-F12 Datasheet HTML 2Page - Banner Engineering Corp. SA-F12 Datasheet HTML 3Page - Banner Engineering Corp. SA-F12 Datasheet HTML 4Page - Banner Engineering Corp. SA-F12 Datasheet HTML 5Page - Banner Engineering Corp. SA-F12 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMBAMS22RA
Right-angle SMBAMS series bracket with
22 mm hole for mounting sensors
Articulation slots for 90+° rotation
12-ga. (2.6 mm) cold-rolled steel
A
C
B
53
48
45
Hole center spacing: A = 26.0, A to B = 13.0
Hole size: A = 26.8 x 7.0, B = ø 6.5, C = ø 22.5
LMBE12RA35
Direct mounting of stand-off pipe, with
common bracket type
Zinc-plated steel
1/2-14 NPSM nut
Mounting distance from the wall to the
center of the 1/2-14 NPSM nut is 35 mm
Hole center spacing: 20.0
38.25
57
2X Ø9
1/2 - 14
NPSM NUT
55
35
LMBE12RA45
Direct mounting of stand-off pipe, with
common bracket type
Zinc-plated steel
1/2-14 NPSM nut
Mounting distance from the wall to the
center of the 1/2-14 NPSM nut is 45 mm
Hole center spacing: 35.0
38.25
81
65
45
2X Ø11
1/2 - 14
NPSM NUT
LMB Sealed Right-Angle Bracket
Model
Description
Construction
LMBE12RA
Pipe-Mount Models: Bracket kit with base, ½-14 pipe
adapter, set screw, fasteners, O-rings, and gaskets.
For use with stand-off pipe (listed and sold separately).
Black polycarbonate
Elevated Mount System
Model
Features
Components
SA-M22E12 - Black Polycarbonate
Streamlined black polycarbonate stand-off pipe
adapter/cover
Connects between 22 mm light base and ½ in.
NPSM/DN15 pipe
Polished 304 Stainless
Steel
Black Anodized Aluminum Clear Anodized
Aluminum
Elevated-use stand-off pipe (½ in. NPSM/DN15)
Polished 304 stainless steel, black anodized
aluminum, or clear anodized aluminum surface
½ in. NPT thread at both ends
Compatible with most industrial environments
SOP-E12-150SS 150
mm (6 in) long
SOP-E12-150A 150 mm (6
in) long
SOP-E12-150AC 150
mm (6 in) long
SOP-E12-300SS 300
mm (12 in) long
SOP-E12-300A 300 mm
(12 in) long
SOP-E12-300AC 300
mm (12 in) long
SOP-E12-900SS 900
mm (36 in) long
SOP-E12-900A 900 mm
(36 in) long
SOP-E12-900AC 900
mm (36 in) long
SA-E12M30 - Black Acetal
Streamlined black acetal mounting base adapter/
cover
Connects between ½ in. NPSM/DN15 pipe and 30
mm (1-3/16 in) drilled hole
Mounting hardware included
TL30 Basic Tower Light
P/N 206089 Rev. C
www.bannerengineering.com - Tel: + 1 888 373 6767
5


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn