전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SA-F12 데이터시트(PDF) 6 Page - Banner Engineering Corp.

부품명 SA-F12
부품 상세설명  nullTL30 Basic Tower Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SA-F12 데이터시트(HTML) 6 Page - Banner Engineering Corp.

  SA-F12 Datasheet HTML 1Page - Banner Engineering Corp. SA-F12 Datasheet HTML 2Page - Banner Engineering Corp. SA-F12 Datasheet HTML 3Page - Banner Engineering Corp. SA-F12 Datasheet HTML 4Page - Banner Engineering Corp. SA-F12 Datasheet HTML 5Page - Banner Engineering Corp. SA-F12 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Pipe Mounting Flange
Pipe Mounting Flange
Model
Features
Construction
SA-F12
Elevated-use stand-off pipes (½ in,
NPSM/DN15)
M5 mounting hardware and nitrile gasket
included
Die-cast zinc base with
black paint
10
ø28
ø70
1/2-14
NPSM
4x ø5.5
54
SA-F12-3
Elevated-use stand-off pipes (½ in,
NPSM/DN15)
M4 mounting hardware and nitrile blend
gasket included
Black Polycarbonate
29
8.77
ø60
ø40
2 x 120°
1/2-14 NPSM
Foldable Mounting Bracket
Foldable Mounting Brackets
Model
Features
Construction
SA-FFB12
For use with 1/2 inch stand-off pipes
Stainless steel hardware
Black polycarbonate
111
110°
1/2-14 NPSM
4 x Ø5
Ø70
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not
cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO
BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES
RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT,
STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously
manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the
product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will
void the product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at
any time. Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
For patent information, see
www.bannerengineering.com/patents.
TL30 Basic Tower Light
© Banner Engineering Corp. All rights reserved


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn