전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA-F12 데이터시트(PDF) 1 Page - Banner Engineering Corp.

부품명 SA-F12
상세설명  TL30 Basic Tower Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SA-F12 데이터시트(HTML) 1 Page - Banner Engineering Corp.

  SA-F12 Datasheet HTML 1Page - Banner Engineering Corp. SA-F12 Datasheet HTML 2Page - Banner Engineering Corp. SA-F12 Datasheet HTML 3Page - Banner Engineering Corp. SA-F12 Datasheet HTML 4Page - Banner Engineering Corp. SA-F12 Datasheet HTML 5Page - Banner Engineering Corp. SA-F12 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
30 mm Multi-Color General-Purpose or Audible Indicators
Standard
Audible
Rugged, affordable, and easy-to-install multi-segment indicators
Compact 30 mm diameter
Illuminated segments provide easy-to-see operator guidance and indication of
equipment status
Uniform indicator segments appear gray when off to eliminate false indication
from ambient light
Models with 2, 3, 4, and 5 color segments plus audible
12 V dc to 30 V dc operation
No assembly required, mounting nut and gasket supplied
Models
Housing
TL30
Connection**
C1 = 1.2 m (3.9 ft) Integral PVC Cable
QD = Integral 5-, or 8-pin M12/Euro-style
quick disconnect
QD
**Models with quick disconnect require a mating cordset
*Position 1 and 2 can not be X = No Segment
Style
B = Basic
B
G
Y
R
Color Position
1*
2*
3
4
5
G = Green
Y = Yellow
R = Red
B = Blue
W = White
X = No Segment
X
X
Audible
Alarm
N = None
A = Audible
N
Housing
Color
X = Black
X
Wiring Diagrams
Note: All models are bimodal and can be wired as PNP or NPN devices.
TL30 Basic Tower Light
Original Document
206089 Rev. C
2 January 2019
206089


유사한 부품 번호 - SA-F12

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
SA-F12 BANNER-SA-F12 Datasheet
673Kb / 6P
   CL50 Universal AC Voltage Column Light
SA-F12 BANNER-SA-F12 Datasheet
805Kb / 6P
   TL50Z Universal AC Voltage Tower Light
SA-F12 BANNER-SA-F12 Datasheet
950Kb / 6P
   CL50 Column Light
SA-F12 BANNER-SA-F12 Datasheet
1Mb / 8P
   TL50 Tower Light
SA-F12 BANNER-SA-F12 Datasheet
511Kb / 5P
   TL50A Audible Indicators
More results

유사한 설명 - SA-F12

제조업체부품명데이터시트상세설명
logo
M-System Co.,Ltd.
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
   WIRELESS TOWER LIGHT
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
   Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
   ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
   WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
   WIRELESS TOWER LIGHT
IT50SRE MSYSTEM-IT50SRE Datasheet
180Kb / 4P
   ETHERNET TOWER LIGHT
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
   Tower Light Series
IT50SW2 MSYSTEM-IT50SW2 Datasheet
322Kb / 6P
   WIRELESS TOWER LIGHT
logo
Banner Engineering Corp...
TL50 BANNER-TL50 Datasheet
1Mb / 8P
   TL50 Tower Light
logo
M-System Co.,Ltd.
IT60SA2 MSYSTEM-IT60SA2 Datasheet
200Kb / 5P
   Tower Light Series
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com