전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SA-F12 데이터시트(PDF) 3 Page - Banner Engineering Corp.

부품명 SA-F12
부품 상세설명  nullTL30 Basic Tower Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SA-F12 데이터시트(HTML) 3 Page - Banner Engineering Corp.

  SA-F12 Datasheet HTML 1Page - Banner Engineering Corp. SA-F12 Datasheet HTML 2Page - Banner Engineering Corp. SA-F12 Datasheet HTML 3Page - Banner Engineering Corp. SA-F12 Datasheet HTML 4Page - Banner Engineering Corp. SA-F12 Datasheet HTML 5Page - Banner Engineering Corp. SA-F12 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Construction
Base, Segments and Audible: UV stabilized polycarbonate
Grommet: TPV
Mounting Nut: PBT
Sealing Gasket: PVC/NBR/CR
Mounting
M22 × 1.5 threaded base, maximum torque 2.25 N·m (20 in·lbf)
Mounting nut and sealing gasket included
Connections
Integral 5-pin, or 8-pin M12/Euro-style quick disconnect, or 1.2 m (3.9 ft)
integral PVC cable, depending on model
Models with a quick disconnect require a mating cordset
Vibration and Mechanical Shock
Meets IEC 60068-2-6 requirements (Vibration: 10 Hz to 55 Hz, 1.0 mm
amplitude, 5 minutes sweep, 30 minutes dwell)
Meets IEC 60068-2-27 requirements (Shock: 30G 11 ms duration, half sine
wave)
IK07 (EN 60068-2-75 with SMBAMS22RA bracket)
Certifications
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Dimensions
18.0
[0.71]
13.0
[0.51]
H
3 x 20.0
[0.79]
M22 x 1.5
M12 x 1
# of colors
Tower Height (H)
Non-Audible
Omni-Directional Sealed Audible
2
99.7 mm (3.9 in)
145.6 mm (5.7 in)
3
126.7 mm (5.0 in)
172.6 mm (6.8 in)
4
153.7 mm (6.0 in)
199.6 mm (7.9 in)
5
180.7 mm (7.1 in)
226.6 mm (8.9 in)
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Cordsets
5-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.50 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
1.83 m (6 ft)
MQDC1-515
4.57 m (15 ft)
MQDC1-530
9.14 m (30 ft)
TL30 Basic Tower Light
P/N 206089 Rev. C
www.bannerengineering.com - Tel: + 1 888 373 6767
3


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn