전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SA-F12 데이터시트(PDF) 4 Page - Banner Engineering Corp.

부품명 SA-F12
부품 상세설명  CL50 Universal AC Voltage Column Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SA-F12 데이터시트(HTML) 4 Page - Banner Engineering Corp.

  SA-F12 Datasheet HTML 1Page - Banner Engineering Corp. SA-F12 Datasheet HTML 2Page - Banner Engineering Corp. SA-F12 Datasheet HTML 3Page - Banner Engineering Corp. SA-F12 Datasheet HTML 4Page - Banner Engineering Corp. SA-F12 Datasheet HTML 5Page - Banner Engineering Corp. SA-F12 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimensions
Column Light Height (H)
Non-Audible
Standard Audible*
Sealed Audible
Omni-Directional
Sealed Audible
183.2mm (7.2 in)
214.3mm (8.4 in)
237.2mm (9.3 in)
251.2mm (9.9 in)
*Column Light (H) with top unscrewed approximately 3.5 mm to allow sound to escape
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Cordsets
4-Pin Micro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQAC2-406
1.83 m (6 ft)
Straight
42 Typ.
ø 14.5
1/2-20 UNF-28
4
1
2
3
1 = Brown
2 = Blue
3 = Black
4 = White
MQAC2-415
4.57 m (15 ft)
MQAC2-430
9.14 m (30 ft)
5-Pin Micro-Style Cordsets
Model
Length
Style
Dimensions
Pinout
MQAC2-506
1.83 m (6 ft)
Straight
42 Typ.
ø 14.5
1/2-20 UNF-28
3
2
5
1
4
1 = Brown
2 = Blue
3 = White
4 = Black
5 = Gray
MQAC2-515
4.57 m (15 ft)
MQAC2-530
9.14 m (30 ft)
CL50 Universal AC Voltage Column Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 169424 Rev. G


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn