전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SA-F12 데이터시트(PDF) 5 Page - Banner Engineering Corp.

부품명 SA-F12
부품 상세설명  CL50 Universal AC Voltage Column Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SA-F12 데이터시트(HTML) 5 Page - Banner Engineering Corp.

  SA-F12 Datasheet HTML 1Page - Banner Engineering Corp. SA-F12 Datasheet HTML 2Page - Banner Engineering Corp. SA-F12 Datasheet HTML 3Page - Banner Engineering Corp. SA-F12 Datasheet HTML 4Page - Banner Engineering Corp. SA-F12 Datasheet HTML 5Page - Banner Engineering Corp. SA-F12 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Mounting Brackets
All measurements are listed in millimeters [inches], unless noted otherwise.
SMB30A
Right-angle bracket with curved
slot for versatile orientation
Clearance for M6 (¼ in)
hardware
Mounting hole for 30 mm sensor
12-ga. stainless steel
45
61
69
A
B
C
Hole center spacing: A to B=40
Hole size: A=ø 6.3, B= 27.1 x 6.3, C=ø 30.5
SMB30FA
Swivel bracket with tilt and pan
movement for precise
adjustment
Mounting hole for 30 mm sensor
12-ga. 304 stainless steel
Easy sensor mounting to
extrude rail T-slot
Metric and inch size bolt
available
A
B
68.9
36.3
83.2
Bolt thread: SMB30FA, A= 3/8 - 16 x 2 in; SMB30FAM10, A= M10 - 1.5 x 50
Hole size: B= ø 30.1
SMB30MM
12-ga. stainless steel bracket
with curved mounting slots for
versatile orientation
Clearance for M6 (¼ in)
hardware
Mounting hole for 30 mm sensor
70
57
A
B
C
57
Hole center spacing: A = 51, A to B = 25.4
Hole size: A = 42.6 x 7, B = ø 6.4, C = ø 30.1
SMBAMS30P
Flat SMBAMS series bracket
30 mm hole for mounting
sensors
Articulation slots for 90°+
rotation
12-ga. 300 series stainless steel
45
93
A
C
B
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 x 7.0, B=ø 6.5, C=ø 31.0
SMBAMS30RA
Right-angle SMBAMS series
bracket
30 mm hole for mounting
sensors
Articulation slots for 90°+
rotation
12-ga. (2.6 mm) cold-rolled steel
53
48
45
A
C
B
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 x 7.0, B=ø 6.5, C=ø 31.0
SMB30SC
Swivel bracket with 30 mm
mounting hole for sensor
Black reinforced thermoplastic
polyester
Stainless steel mounting and
swivel locking hardware
included
67
58
29
B
A
Hole center spacing: A=ø 50.8
Hole size: A=ø 7.0, B=ø 30.0
LMBE12RA35
Direct mounting of stand-off pipe, with
common bracket type
Zinc-plated steel
1/2-14 NPSM nut
Mounting distance from the wall to the
center of the 1/2-14 NPSM nut is 35 mm
Hole center spacing: 20.0
38.25
57
2X Ø9
1/2 - 14
NPSM NUT
55
35
LMBE12RA45
Direct mounting of stand-off pipe, with
common bracket type
Zinc-plated steel
1/2-14 NPSM nut
Mounting distance from the wall to the
center of the 1/2-14 NPSM nut is 45 mm
Hole center spacing: 35.0
38.25
81
65
45
2X Ø11
1/2 - 14
NPSM NUT
LMB Sealed Right-Angle Bracket
Model
Description
Construction
LMB30RA
Direct-Mount Models: Bracket kit with base, 30 mm
adapter, set screw, fasteners, O-rings, and gaskets.
Black polycarbonate
LMB30RAC
Gray polycarbonate
LMBE12RA
Pipe-Mount Models: Bracket kit with base, ½-14 pipe
adapter, set screw, fasteners, O-rings, and gaskets.
For use with stand-off pipe (listed and sold separately).
Black polycarbonate
LMBE12RAC
Gray polycarbonate
CL50 Universal AC Voltage Column Light
P/N 169424 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
5


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn