전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SA-F12 데이터시트(PDF) 1 Page - Banner Engineering Corp.

부품명 SA-F12
부품 상세설명  CL50 Universal AC Voltage Column Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SA-F12 데이터시트(HTML) 1 Page - Banner Engineering Corp.

  SA-F12 Datasheet HTML 1Page - Banner Engineering Corp. SA-F12 Datasheet HTML 2Page - Banner Engineering Corp. SA-F12 Datasheet HTML 3Page - Banner Engineering Corp. SA-F12 Datasheet HTML 4Page - Banner Engineering Corp. SA-F12 Datasheet HTML 5Page - Banner Engineering Corp. SA-F12 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
Multi-Color General Purpose or Audible Indicators
Rugged, cost-effective, and easy-to-install multi-color indicators
Illumination provides easy-to-see operator guidance and equipment status indication
1-, 2-, or 3 color models available
Available in black or light gray housing
Audible models available with standard, sealed, or omni-directional audible element
Continuous, pulsed, and staccato tones available
Compact devices are completely self-contained, no controller needed
100 V ac to 240 V ac operation
No assembly required
Non-Audible Models
Models1
# of LED
Colors
LED Colors 2
Connection3
Inputs
Color 1
Color 2
Color 3
CL50ZG
1
Green
-
-
4-wire
PVC cable
100 V ac to
240 V ac
CL50ZR
Red
-
-
CL50ZGR
2
Green
Red
-
CL50ZGRY
3
Green
Red
Yellow
Audible Models
Standard Audible Models 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Color 1
Color 2
Color 3
CL50ZGA
1
Green
-
-
4-wire PVC cable
100 V ac to
240 V ac
CL50ZRA
Red
-
-
CL50ZGRA
2
Green
Red
-
CL50ZGRYA
3
Green
Red
Yellow
5-wire PVC cable
Sealed Audible Models 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
Color 1
Color 2
Color 3
CL50ZGALS
CL50ZGALS3
CL50ZGALS4
1
Green
-
-
4-wire PVC cable
100 V ac to
240 V ac
CL50ZRALS
CL50ZRALS3
CL50ZRALS4
Red
-
-
CL50ZGRALS
CL50ZGRALS3
CL50ZGRALS4
2
Green
Red
-
CL50ZGRYALS
CL50ZGRYALS3
CL50ZGRYALS4
3
Green
Red
Yellow
5-wire PVC cable
1 Models with black housing are listed. For gray housing, add the suffix "C" at the end of the cabled model number or before the "QP" in 150 mm (6 in) PVC
cable with M12/Euro-style quick disconnect model numbers. For example, CL50ZGC or CL50ZGCQP.
2 Available colors include: Green (G), Red (R), Yellow (Y), Blue (B), and White (W). Contact Banner Engineering for other colors and color combinations.
3
To order the 150 mm (6 in) PVC cable model with a M12/Euro-style quick disconnect, add the suffix "QP" to the model number. For example,
CL50ZGQP.
Models with a quick disconnect require a mating cordset.
CL50 Universal AC Voltage Column Light
Original Document
169424 Rev. G
7 May 2019
169424


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn