전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SA-F12 데이터시트(PDF) 3 Page - Banner Engineering Corp.

부품명 SA-F12
부품 상세설명  CL50 Universal AC Voltage Column Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SA-F12 데이터시트(HTML) 3 Page - Banner Engineering Corp.

  SA-F12 Datasheet HTML 1Page - Banner Engineering Corp. SA-F12 Datasheet HTML 2Page - Banner Engineering Corp. SA-F12 Datasheet HTML 3Page - Banner Engineering Corp. SA-F12 Datasheet HTML 4Page - Banner Engineering Corp. SA-F12 Datasheet HTML 5Page - Banner Engineering Corp. SA-F12 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications
Supply Voltage and Current
100 V ac to 240 V ac at 50 or 60 Hz
Indicators–maximum current per LED color:
60 mA at 100 V ac
55 mA at 120 V ac
40 mA at 240 V ac
Standard Audible Alarm: 30 mA maximum current
Sealed Audible Alarm: 35 mA maximum current
Omni-Directional Sealed Audible Alarm: 35 mA maximum current
Supply Protection Circuitry
Protected against transient voltages
Input Response Time
Indicator On/Off: 500 milliseconds maximum
Leakage Current Immunity
500 µA
Application Note: The use of relay output PLC is recommended since there
is no leakage current. Solid state output PLCs often have leakage current
above 1mA and, therefore, turn the light on in the off state. To counteract
the leakage current, a shunt resistor must be used. A resistor must be
applied from the neutral wire of the device to the hot wire of each channel of
the device.
Audible Alarm
Standard Audible Alarm: 2.7 kHz ± 500 Hz oscillation frequency; maximum
intensity 92 db at 1 meter (typical)
Sealed Audible Alarm: 2.9 kHz ± 250 Hz oscillation frequency; maximum
intensity 94 db at 1 meter (typical)
Omni-Directional Sealed Audible Alarm: 2.1 kHz ± 250 Hz oscillation
frequency; maximum intensity 99 db at 1m (3.3 ft) (typical)
Omni-Directional Sealed Audible Alarm with Intensity Adjustment: 2.1 kHz
± 250 Hz oscillation frequency; maximum intensity 95 dB at 1m (3.3 ft)
(typical)
Audible Adjustment
Standard Audible Alarm: Unscrew the cover (up to 1.5 turns max.) to adjust
the audible intensity. Do not exceed 1.5 turns or the cover may detach
during operation. For max. intensity, rotate the center plug 180°
counterclockwise to remove it.
Sealed Audible Alarm and Omni-Directional Sealed Audible Alarm with
Intensity Adjustment: Rotate the front cover until the desired intensity is
reached.
Typical Reduction in Sound Intensity with Audible Adjustment (maximum to
minimum):
Standard Audible: 30 dB
Sealed Audible: 20 dB
Omni-Directional Sealed Audible: 12 dB
Operating Conditions
Non-Audible: –40 °C to +50 °C (–40 °F to +122 °F)
Standard and Sealed Audible: –20 °C to +50 °C (–4 °F to +122 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
UL Type 4X Indoor and UL Type 13
Non-Audible and Sealed Audible: IEC IP67
Standard Audible: IEC IP50
Certifications
Indicators
LEDs or audible alarm are independently selected
Indicator Characteristics
Color
Dominant Wavelength (nm) or
Color Temperature (CCT)
Lumen Output (Typical
at 25 °C)
Green
525 nm
72
Red
625 nm
38
Yellow
590 nm
30
Blue
475 nm
28
White
5000 K
85
Connections
4- or 5-wire 2 m (6.5 ft) integral PVC cable, or 4- or 5-pin 150 mm (6 in) PVC
cable with a M12/Euro-style quick disconnect, depending on model
Models with a quick disconnect require a mating cordset
Construction
Bases and Covers: ABS
Light Segment: Polycarbonate
Vibration and Mechanical Shock
Meets IEC 60068-2-6 requirements (Vibration: 10 Hz to 55 Hz, 1.0 mm
amplitude, 5 minutes sweep, 30 minutes dwell)
Meets IEC 60068-2-27 requirements (Shock: 30G 11 ms duration, half sine
wave)
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
CL50 Universal AC Voltage Column Light
P/N 169424 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
3


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn