전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA105E104ZAA 데이터시트(PDF) 7 Page - AVX Corporation

부품명 SA105E104ZAA
상세설명  Multiayer Ceramic Leaded Capacitors
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

SA105E104ZAA 데이터시트(HTML) 7 Page - AVX Corporation

Back Button SA105E104ZAA Datasheet HTML 3Page - AVX Corporation SA105E104ZAA Datasheet HTML 4Page - AVX Corporation SA105E104ZAA Datasheet HTML 5Page - AVX Corporation SA105E104ZAA Datasheet HTML 6Page - AVX Corporation SA105E104ZAA Datasheet HTML 7Page - AVX Corporation SA105E104ZAA Datasheet HTML 8Page - AVX Corporation SA105E104ZAA Datasheet HTML 9Page - AVX Corporation SA105E104ZAA Datasheet HTML 10Page - AVX Corporation SA105E104ZAA Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
6
The effect of the application of DC voltage is shown in
Figure 4. The voltage coefficient is more pronounced for
higher K dielectrics. These figures are shown for room tem-
perature conditions. The combination characteristic known
as voltage temperature limits which shows the effects of
rated voltage over the operating temperature range is
shown in Figure 5 for the military BX characteristic.
Cap. Change vs. D.C. Volts
AVX X7R T.C.
Typical Cap. Change vs. Temperature
AVX X7R T.C.
Cap. Change vs. Frequency
“Q” vs. Frequency
Effects of Frequency – Frequency affects capacitance
and dissipation factor as shown in Figures 6 and 7.
Variation of impedance with frequency is an important con-
sideration for decoupling capacitor applications. Lead
length, lead configuration and body size all affect the
impedance level over more than ceramic formulation varia-
tions. (Figure 8)
Effects of Time – Class 2 ceramic capacitors change
capacitance and dissipation factor with time as well as
temperature, voltage and frequency. This change with time
is known as aging. Aging is caused by a gradual re-align-
ment of the crystalline structure of the ceramic and
produces an exponential loss in capacitance and decrease
in dissipation factor versus time. A typical curve of aging
rate for semistable ceramics is shown in Figure 9 and a
table is given showing the aging rates of various dielectrics.
If a ceramic capacitor that has been sitting on the shelf for
a period of time, is heated above its curie point, (125°C for
4 hours or 150°C for 12 hour will suffice) the part will
de-age and return to its initial capacitance and dissipation
factor readings. Because the capacitance changes rapidly,
immediately after de-aging, the basic capacitance
measurements are normally referred to a time period some-
time after the de-aging process. Various manufacturers use
different time bases but the most popular one is one day or
twenty-four hours after “last heat.” Change in the aging
curve can be caused by the application of voltage and
other stresses. The possible changes in capacitance due to
de-aging by heating the unit explain why capacitance
changes are allowed after test, such as temperature
cycling, moisture resistance, etc., in MIL specs. The
application of high voltages such as dielectric withstanding
voltages also tends to de-age capacitors and is why
re-reading of capacitance after 12 or 24 hours is allowed in
military specifications after dielectric strength tests have
been performed.
The Capacitor
25%
50%
75%
100%
Percent Rated Volts
2.5
0
-2.5
-5
-7.5
-10
0VDC
RVDC
-55 -35
-15
+5
+25 +45 +65 +85 +105 +125
Temperature Degrees Centigrade
+20
+10
0
-10
-20
-30
AVX C0G (NP0) T.C.
AVX X7R T.C.
1
10
100
1
10
100
1
KHz
KHz
KHz
MHz
MHz
MHz
GHz
Frequency
0
-10
-20
-30
AVX
C0G (NP0)
T.C.
AVX X7R T.C.
1
10
100
1
10
100
1
KHz
KHz
KHz
MHz
MHz
MHz
GHz
Frequency
2000
1600
1200
800
400
0
Figure 4
Figure 5
Figure 6
Figure 7


유사한 부품 번호 - SA105E104ZAA

제조업체부품명데이터시트상세설명
logo
AVX Corporation
SA105E104ZAR AVX-SA105E104ZAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104ZAR AVX-SA105E104ZAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104ZAR AVX-SA105E104ZAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

유사한 설명 - SA105E104ZAA

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
C410C109J1G5TA KEMET-C410C109J1G5TA Datasheet
672Kb / 48P
   Ceramic Leaded Capacitors
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com