전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCF162835GRE4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 74ALVCF162835GRE4
상세설명  3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74ALVCF162835GRE4 데이터시트(HTML) 5 Page - Texas Instruments

  74ALVCF162835GRE4 Datasheet HTML 1Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 2Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 3Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 4Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 5Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCF162835
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES397A – JULY 2002 – REVISED AUGUST 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 and Figure 2)
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
A
1
4
4.6
1
3.5
tpd
LE
Y
1.3
5.5
5.4
1.3
4.6
ns
CLK
1.4
5.9
5.6
1.4
3.5
ten
OE
Y
1.4
5.9
6
1.1
5
ns
tdis
OE
Y
1
4.7
4.6
1.3
4.2
ns
tsk(o)
500
ps
from 0
°C to 65°C, C
L = 50 pF
VCC = 3.3 V
FROM
TO
± 0.15 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
tpd
CLK
Y
1.8
3.5
ns
T
A = 25°C
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
Outputs enabled
27
33
Cpd
Power dissipation capacitance
CL = 0 pF,
f = 10 MHz
pF
Outputs disabled
16
21
5


유사한 부품 번호 - 74ALVCF162835GRE4

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVCF162835 FAIRCHILD-74ALVCF162835 Datasheet
106Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
logo
Renesas Technology Corp
74ALVCF162835APA RENESAS-74ALVCF162835APA Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
74ALVCF162835APAG RENESAS-74ALVCF162835APAG Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
74ALVCF162835APF RENESAS-74ALVCF162835APF Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
74ALVCF162835APFG RENESAS-74ALVCF162835APFG Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
More results

유사한 설명 - 74ALVCF162835GRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCF162835A IDT-IDT74ALVCF162835A Datasheet
73Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162835 IDT-IDT74ALVC162835 Datasheet
71Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16835 RENESAS-IDT74ALVC16835 Datasheet
282Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCF162835A RENESAS-IDT74ALVCF162835A Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com