전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM83 데이터시트(PDF) 34 Page - Microchip Technology

부품명 BM83
상세설명  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 데이터시트(HTML) 34 Page - Microchip Technology

Back Button BM83 Datasheet HTML 30Page - Microchip Technology BM83 Datasheet HTML 31Page - Microchip Technology BM83 Datasheet HTML 32Page - Microchip Technology BM83 Datasheet HTML 33Page - Microchip Technology BM83 Datasheet HTML 34Page - Microchip Technology BM83 Datasheet HTML 35Page - Microchip Technology BM83 Datasheet HTML 36Page - Microchip Technology BM83 Datasheet HTML 37Page - Microchip Technology BM83 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
3.3
Auxiliary Port
The BM83 module supports one analog (Line-In, also called as Aux-In) signal from the external audio source. The
analog (Line-In) signal can be processed by the DSP to generate different sound effects (MB-DRC and AW), which
can be configured by using the Config Tool.
3.4
Analog Speaker Output
The BM83 module supports the following analog speaker output modes:
• Capless mode – recommended for headphone applications in which capless output connection helps to save
the Bill of Materials (BOM) cost by avoiding a large DC blocking capacitor. The following figure illustrates the
analog speaker output in Capless mode.
Figure 3-30. Analog Speaker Output - Capless Mode
AOHPR
AOHPL
AOHPM
BM83
16/32 Speaker
• Single-Ended mode – used for driving an external audio amplifier where a DC blocking capacitor is required.
The following figure illustrates the analog speaker output in Single-Ended mode.
Figure 3-31. Analog Speaker Output - Single-Ended Mode
Audio Amplifier
BM83
AOHPR
AOHPL
BM83
Audio Subsystem
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 34


유사한 부품 번호 - BM83

제조업체부품명데이터시트상세설명
logo
BeRex Corporation
BM831 BEREX-BM831 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer
BM831 BEREX-BM831 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
More results

유사한 설명 - BM83

제조업체부품명데이터시트상세설명
logo
Microchip Technology
BM20 MICROCHIP-BM20 Datasheet
2Mb / 46P
   Bluetooth짰 4.1 Stereo Audio Module
2015
BM62 MICROCHIP-BM62 Datasheet
4Mb / 70P
   Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM63 MICROCHIP-BM63 Datasheet
3Mb / 56P
   Bluetooth짰 4.2 Stereo Audio Module
07/14/15
logo
List of Unclassifed Man...
IS2020 ETC2-IS2020 Datasheet
2Mb / 57P
   Bluetooth짰 4.1 Stereo Audio SOC
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
   WT32 Bluetooth짰 Audio Module?
BTM430 ETC2-BTM430 Datasheet
448Kb / 2P
   Bluetooth짰 AT Data Module
logo
Microchip Technology
PIC32MX270F512L MICROCHIP-PIC32MX270F512L Datasheet
186Kb / 6P
   PIC32MX270F512L Bluetooth짰 Audio 100-pin to 100-pinTQFPPlug-In Module (PIM) Information Sheet
03/25/14
logo
Texas Instruments
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
[Old version datasheet]   Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
Silicon Laboratories
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com