전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

08053A101GAT2A 데이터시트(PDF) 3 Page - AVX Corporation

부품명 08053A101GAT2A
상세설명  C0G (NP0) Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

08053A101GAT2A 데이터시트(HTML) 3 Page - AVX Corporation

  08053A101GAT2A Datasheet HTML 1Page - AVX Corporation 08053A101GAT2A Datasheet HTML 2Page - AVX Corporation 08053A101GAT2A Datasheet HTML 3Page - AVX Corporation 08053A101GAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5
C0G (NP0) Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0101*
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.09
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.) (0.016 ± 0.0008) (0.024 ± 0.004)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
W) Width
mm
0.20 ± 0.02
0.30 ± 0.09
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.) (0.008 ± 0.0008) (0.011 ± 0.004)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t) Terminal
mm
0.10 ± 0.04
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.) (0.004 ± 0.0016) (0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
25
50
16
25
50
16
25
50
100
200
16
25
50
100
200
250
16
25
50
100
200
250
500
Cap
0.5
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
(pF)
1.0
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.5
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.3
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.9
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
4.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
5.6
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
6.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
8.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
10
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
J
12
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
J
15
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
J
18
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
J
22
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
J
27
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
J
33
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
J
39
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
J
47
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
J
56
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
68
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
82
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
100
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
120
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
150
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
180
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
J
220
C
C
C
G
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
M
270
C
C
C
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
M
330
C
C
C
G
G
G
G
J
J
J
J
J
N
J
J
J
J
J
M
390
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
470
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
560
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
680
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
P
820
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
M
1000
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
Q
1200
G
G
G
J
J
J
J
J
J
J
J
J
Q
1500
G
G
G
J
J
J
J
J
J
J
M
Q
1800
G
G
G
J
J
J
N
J
J
M
M
Q
2200
G
G
G
N
N
N
N
J
J
M
P
Q
2700
G
G
G
N
N
N
N
J
J
M
P
Q
3300
G
G
G
P
N
N
N
J
J
M
P
Q
3900
G
G
G
P
P
P
N
J
J
M
P
4700
G
G
G
P
P
P
N
J
J
M
P
5600
P
P
P
J
J
M
P
6800
P
P
P
M
M
M
P
8200
P
P
P
M
M
M
P
Cap
0.010
P
P
P
P
P
P
P
(μF)
0.012
P
P
P
0.015
P
P
P
0.018
P
P
P
0.022
P
P
P
0.027
0.033
0.039
0.047
0.068
0.082
0.1
WVDC
16
25
50
16
25
50
16
25
50
100
200
16
25
50
100
200
250
16
25
50
100
200
250
500
SIZE
0101*
0201
0402
0603
0805
1206
Letter
A
B
C
E
G
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
(0.013)
0.22
(0.009)
0.56
(0.022)
0.71
(0.028)
0.90
(0.035)
0.94
(0.037)
1.02
(0.040)
1.27
(0.050)
1.40
(0.05 5)
1.52
(0.060)
1.78
(0.070)
2.29
(0.090)
2.54
(0.100)
2.79
(0.110)
PAPER
EMBOSSED
031119


유사한 부품 번호 - 08053A101GAT2A

제조업체부품명데이터시트상세설명
logo
AVX Corporation
08053A101GAT2A AVX-08053A101GAT2A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
08053A101GAT2A AVX-08053A101GAT2A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
logo
List of Unclassifed Man...
08053A101GAT2A ETC2-08053A101GAT2A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
logo
AVX Corporation
08053A101GAT2A AVX-08053A101GAT2A Datasheet
99Kb / 4P
   C0G (NP0) Dielectric
08053A101GAT2A AVX-08053A101GAT2A Datasheet
107Kb / 4P
   C0G Dielectric
More results

유사한 설명 - 08053A101GAT2A

제조업체부품명데이터시트상세설명
logo
AVX Corporation
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7KAT2A AVX-04025A4R7KAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A3R9D4T2A AVX-06031A3R9D4T2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3BAT2A AVX-06031A4R3BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3CAT2A AVX-06031A4R3CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R2CAT2A AVX-04023A2R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R7BAT2A AVX-04023A2R7BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A3R3DAT2A AVX-04023A3R3DAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com