전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PHE13005X 데이터시트(PDF) 4 Page - WeEn Semiconductors

부품명 PHE13005X
상세설명  Silicon diffused power transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEEN [WeEn Semiconductors]
홈페이지  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

PHE13005X 데이터시트(HTML) 4 Page - WeEn Semiconductors

  PHE13005X Datasheet HTML 1Page - WeEn Semiconductors PHE13005X Datasheet HTML 2Page - WeEn Semiconductors PHE13005X Datasheet HTML 3Page - WeEn Semiconductors PHE13005X Datasheet HTML 4Page - WeEn Semiconductors PHE13005X Datasheet HTML 5Page - WeEn Semiconductors PHE13005X Datasheet HTML 6Page - WeEn Semiconductors PHE13005X Datasheet HTML 7Page - WeEn Semiconductors PHE13005X Datasheet HTML 8Page - WeEn Semiconductors PHE13005X Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
WeEn Semiconductors
PHE13005X
Silicon diffused power transistor
PHE13005X
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
26 April 2018
4 / 13
Pder(%) =
Ptot
Ptot(25°C)
×100%
Fig. 4. Normalized total power dissipation as a function of heatsink temperature
Th ≤ 25 °C
Mounted with heatsink compound and (30 ± 5) N force on the center of the envelope
(1) Ptot maximum and Ptot peak maximum lines
(2) Second breakdown limits
(3) Region of permissible DC operation
(4) Extension of operating region for repetitive pulse operation
(5) Extension of operating region during turn-on in single transistor converters provided that
RBE ≤ 100 Ω and tp ≤ 0.6 μs.
Fig. 3. Forward bias safe operating area


유사한 부품 번호 - PHE13005X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PHE13005X NXP-PHE13005X Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
PHE13005X PHILIPS-PHE13005X_15 Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
More results

유사한 설명 - PHE13005X

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com