전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TOPT12-800C0 데이터시트(PDF) 1 Page - WeEn Semiconductors

부품명 TOPT12-800C0
상세설명  TOPTriac
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEEN [WeEn Semiconductors]
홈페이지  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

TOPT12-800C0 데이터시트(HTML) 1 Page - WeEn Semiconductors

  TOPT12-800C0 Datasheet HTML 1Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 2Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 3Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 4Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 5Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 6Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 7Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 8Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TOPT12-800C0
TOPTriac
Rev.01 - 22 August 2018
Product data sheet
1. General description
Planar passivated Temperature and Overload Protected Triac with high commutation performance
in a SOT78 (TO-220AB) plastic package. This TOPTriac conveniently self protects by turning off in
the event of excessive temperature. It is triggered negatively using continuous DC or current pulses.
TOPTriac is ideal for applications where heatsinking is limited. TOPTriac is safe to use in short-term
overload under normal duty cycle conditions. TOPTriac gives the additional assurance that it will
self-protect, if pushed to thermal overload, under abnormal duty cycle or fault conditions.
2. Features and benefits
Over-temperature self-protection function
Eliminates risk of overload failure due to limited heatsinking
Pin compatible with standard triacs
Exclusive negative gate triggering
Full cycle AC conduction
Hi-Com technology for maximum immunity to false triggering
High immunity to false turn-on by dV/dt
High minimum IGT for guaranteed immunity to gate noise
Planar passivated for voltage ruggedness and reliability
3. Applications
Any circuit where protection against overload and/or over temperature is required
Motor controls and starters – e.g. refrigeration compressors
High power density motors – e.g. vacuum cleaners, window blinds, food processors
Heating and cooking appliances
Water boilers
4. Quick reference data
Table 1. Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-state
voltage
-
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 100 °C; Fig. 1;
Fig. 2; Fig. 3
-
-
12
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
95
A
Tj
junction temperature
conducting mode
-
-
125
°C
self-protection mode
150
°C


유사한 부품 번호 - TOPT12-800C0

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
TOPT16-800C0 WEEN-TOPT16-800C0 Datasheet
619Kb / 18P
   TOPTriac
More results

유사한 설명 - TOPT12-800C0

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
TOPT16-800C0 WEEN-TOPT16-800C0 Datasheet
619Kb / 18P
   TOPTriac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com