전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTQ2532W 데이터시트(PDF) 13 Page - Richtek Technology Corporation

부품명 RTQ2532W
상세설명  2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2532W 데이터시트(HTML) 13 Page - Richtek Technology Corporation

Back Button RTQ2532W Datasheet HTML 9Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 10Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 11Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 12Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 13Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 14Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 15Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 16Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
RTQ2532W
13
DSQ2532W-00 July 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dropout Voltage vs. Output Current
0
20
40
60
80
100
120
0
0.4
0.8
1.2
1.6
2
Output Current (A)
VIN = 5.4V
125
°C
85
°C
25
°C
0
°C
−40°C


유사한 부품 번호 - RTQ2532W

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533WGQV RICHTEK-RTQ2533WGQV Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
More results

유사한 설명 - RTQ2532W

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
   3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com