전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2028-10 데이터시트(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

부품명 LM2028-10
상세설명  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
홈페이지  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2028-10 데이터시트(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2028-10 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-10 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-10 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-10 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-10 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-10 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-10 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-10 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-10 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2028-10
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2028-10-Manual-Rev0.1.DOC
Page: 5 of 9
2. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
VDD
-0.3
+6.0
V
VSS = 0V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
VSS = 0V
LCD Driving Voltage
VDD-VEE
VSS
30
V
VSS = 0V
Operating Temperature
TOP
0
50
°C
No Condensation
Storage Temperature
TST
-20
70
°C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional
operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure
to extreme conditions may affect device reliability.
3. Electrical Characteristics
3.1
DC Characteristics
VSS=0V, VDD =5.0V, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Operating Voltage
VDD
3.0
-
5.5
V
VDD
LCD Driving Voltage
VDD-VEE
25
-
28
V
VEE
Input High Voltage
VIN
0.8xVDD
-
VDD
V
D0~D3, CP, LP, FLM,
/DISPOFF
Input Low Voltage
VIN
0
-
0.2x VDD
V
D0~D3, CP, LP, FLM,
/DISPOFF
Operating Current
IDD
-
3.5
13.0
mA
VDD
3.2
LED Backlight Circuit Characteristics
BLK=0V, IfBLA=300mA, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
VfBLA
-
3.55
-
V
BLA, BLK
Forward Current
IfBLA
-
-
360
mA
BLA, BLK
Cautions:
Exceeding the recommended driving current could cause substantial damage to the backlight and shorten its lifetime.
BLK
BLA
No. of LED = 18pcs


유사한 부품 번호 - LM2028-10

제조업체부품명데이터시트상세설명
logo
Shenzhen TOPWAY Technol...
LM2028-12 TOPWAY-LM2028-12 Datasheet
1Mb / 9P
   LCD Module User Manual
LM2028-19 TOPWAY-LM2028-19 Datasheet
1Mb / 9P
   LCD Module User Manual
More results

유사한 설명 - LM2028-10

제조업체부품명데이터시트상세설명
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com